Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856496-EVB Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856496-EVB
Description  208 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856496-EVB Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856496-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856496-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856496-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856496-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856496-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856496-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
856496
208 MHz SAW Filter
Data Sheet: Rev A 02/01/11
- 1 of 6 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
For WCDMA applications
Product Features
Functional Block Diagram
Top view
Usable bandwidth 3.84 MHz
High attenuation
Balanced operation
Ceramic Surface Mount Package (SMP)
Small Size
Hermetic RoHS compliant, Pb-free
8
7
6
5
4
3
2
1
9
10
Gnd
Gnd
Gnd
Gnd
Gnd
Gnd
Input
Output
Input
Return
Output
Return
General Description
Pin Configuration
The 856496 is a high-performance IF SAW filter with a
center frequency of 208 MHz and a 1 dB bandwidth of 3.84
MHz.
It features low loss with excellent attenuation, and is
designed to be used with a balanced pin input and output.
The small size of this surface mounted filter makes it an
economical choice for demanding applications such as
WCDMA or other similar high data rate communications
standards.
This device is RoHS compliant and Pb-free.
Pin # SE
Description
9
Input
10
Input Return
4
Output
5
Output Return
1,2,3,6,7,8
Case Ground
Ordering Information
Part No.
Description
856496
packaged part
856496-EVB
evaluation board
Standard T/R size = 4000 units/reel.
Pb


Similar Part No. - 856496-EVB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8564-4500JL 3M-8564-4500JL Datasheet
34Kb / 2P
.100,  .100, Polarized Boardmount Socket
19-Feb-1999
logo
TriQuint Semiconductor
856409 TRIQUINT-856409 Datasheet
566Kb / 7P
1842.5 MHz SAW Filter
856417 TRIQUINT-856417 Datasheet
600Kb / 7P
1960 MHz SAW Filter
logo
Weidmuller
8564290000 WEIDMULLER-8564290000 Datasheet
111Kb / 4P
Standard distributor with bus termination (active)
8564320000 WEIDMULLER-8564320000 Datasheet
106Kb / 4P
Standard distributor with bus termination (active)
More results

Similar Description - 856496-EVB

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1087A RFM-SF1087A Datasheet
71Kb / 3P
208 MHz SAW Filter
logo
TriQuint Semiconductor
855885 TRIQUINT-855885 Datasheet
545Kb / 5P
208 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TriQuint Semiconductor
855885 TRIQUINT-855885_15 Datasheet
519Kb / 5P
208 MHz SAW Filter
856445 TRIQUINT-856445_15 Datasheet
546Kb / 5P
208 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com