Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART2200NET Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SMART2200NET
Description  SmartPro 120V 2.2kVA 1.7kW Line-Interactive UPS,Tower, 3-DB9 Serial ports
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART2200NET Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART2200NET_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART2200NET_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART2200NET_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART2200NET_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SmartPro 120V 2.2kVA 1.7kW Line-Interactive UPS,
Tower, 3-DB9 Serial ports
MODEL NUMBER: SMART2200NET
Description
Tripp Lite's SMART 2200NET intelligent, line interactive large tower UPS system protects servers, networking
accessories and telecommunications equipment from blackouts, voltage fluctuations and transient surges. Large
internal batteries offer 27 minutes half load runtime and 11 minutes fully loaded. Runtime is expandable with optional BP24V28-2U (limit 1) and BP24V70-3U
external battery packs. 2200VA/1700 watt power handling capability supports a variety of networking, telecom and other sensitive electronic applications.
Includes 6 protected outlets. Supports remote monitoring of UPS and site power conditions via built-in RS-232 enabled monitoring port, plus standard UPS
monitoring via 2 built in contact closure ports. Includes PowerAlert UPS monitoring and unattended shutdown software with complete cabling. Built-in audible
alarm and front panel LEDs indicate line power, battery power, battery charge level, load level, plus voltage regulation status. Network grade AC surge
suppression protects equipment from damage and performance problems resulting from transient surges.
Features
SMART 2200NET line interactive UPS offers battery derived AC output during power outages, voltage regulation during brownouts and overvoltages, plus
network-grade AC surge suppression
2200VA/1700 watt power handling capability supports a variety of networking, telecom and other sensitive electronic devices
Large internal batteries offer runtimes of 27 minutes at half load (1100VA/850 watts) and 11 minutes at full load (2200VA/1700 watts)
Runtime is further expandable with optional external BP24V28-2U (limit 1) and BP24V70-3U (multi-pack compatible) battery packs
Automatic Voltage Regulation (AVR) circuits maintain 120V nominal output over an input voltage range of 87-140V
Includes 6 fully protected NEMA 5-15R outlets with 2 single outlet load banks that can be individually powered off and back on again via software interface
PowerAlert UPS monitoring and unattended shutdown software enables configurable network broadcast messaging, email notification, event logging and
running user defined script commands
Offers simultaneous monitoring of up to 3 directly connected devices through included DB9 contact closure and RS-232 enabled interfaces, or the
monitoring of any number of additional servers over IP with included PowerAlert monitoring software
In addition to the contact closure monitoring of on battery, low battery and power restored messaging, built-in RS-232 interface supports messaging of
UPS and line power status, including AC line voltage, DC battery voltage and remaining battery capacity
Supports activate self-test and UPS output power control for delayed or immediate reboot of connected equipment
Diagnostic LEDs (indicate 17 performance conditions)
Highlights
2.2kVA / 2200VA line interactive,
extended-run tower UPS
120V output, Corrects brownouts
and overvoltages from 87V to
140V
3 DB9 communication ports (1
RS232 / 2 contact-closure)
Front panel status LEDs with
load and battery capacity display
2 independently switchable
output load banks
NEMA 5-15P input, 6 NEMA
5-15R outlets
Package Includes
SMART 2200NET UPS System
PowerAlert Software and three 6
foot network cables
Instruction manual
1 / 4


Similar Part No. - SMART2200NET_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART2200NET ETC2-SMART2200NET Datasheet
512Kb / 6P
SmartPro 2.2kVA Line Interactive UPS, Serial, 120V
More results

Similar Description - SMART2200NET_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART2200NET ETC2-SMART2200NET Datasheet
512Kb / 6P
SmartPro 2.2kVA Line Interactive UPS, Serial, 120V
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART700SER TRIPPLITE-SMART700SER Datasheet
491Kb / 4P
SmartPro 120V 700VA 450W Line-Interactive UPS,Tower, DB9 Serial
SMART1500 TRIPPLITE-SMART1500_15 Datasheet
510Kb / 5P
SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Tower, USB, DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART2200VS TRIPPLITE-SMART2200VS_15 Datasheet
508Kb / 5P
SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial, Gray
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
SMART3000NET TRIPPLITE-SMART3000NET_15 Datasheet
508Kb / 4P
SmartPro 120V 3kVA 2.4kW Line-Interactive UPS,Extended Run, Tower, 3-DB9 ports
SMARTINT2200VS TRIPPLITE-SMARTINT2200VS Datasheet
505Kb / 5P
SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com