Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART2200NET Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SMART2200NET
Description  SmartPro 120V 2.2kVA 1.7kW Line-Interactive UPS,Tower, 3-DB9 Serial ports
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART2200NET Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMART2200NET_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART2200NET_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART2200NET_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART2200NET_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
2200
Output kVA Capacity (kVA)
2.2
Output Watt Capacity (Watts)
1700
Output kW Capacity (kW)
1.7
Power Factor
0.8
Nominal Output Voltage(s)
Supported
120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
-13% / +5%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(6) 5-15R
Load Management Receptacles
Two switchable single outlet 5-15R load banks
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
15A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
Input Circuit Breakers
20A
UPS Input Cord Length (ft.)
8
UPS Input Cord Length (m)
2.4
Recommended Electrical Service
20A 120V
Input Cord Length (ft.)
8
Input Cord Length (m)
2.4
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
11 min. (1700w)
Half Load Runtime (min.)
27 min. (850w)
Expandable Battery Runtime
Extended runtime supported via optional external battery packs
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com