Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS70DSTL Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS70DSTL
Description  Plastic-Encapsulated Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS70DSTL Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS70DSTL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS70DSTL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCS70DSTL
0.075A , 85V
Plastic-Encapsulated Switching Diode
Elektronische Bauelemente
21-Jul-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
F
G
J
H
K
E
D
D
C
L
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Epitaxial planar Silicon diode
FEATURES
Fast Switching Speed
Ultra-Small Surface Mount Package
For General Purpose Switching Applications
High Conductance
APPLICATIONS
For General Purpose Switching Applications , rectifiers
For portable equipment:(i.e. Mobile phone,MP3, MD,CD-ROM,
DVD-ROM, Note book PC, etc.)
MARKING
JJ
PACKAGE INFORMATION
Package
MPQ
Leader Size
WBFBP-03D
5K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameters
Symbol
Rating
Unit
DC Blocking Voltage
VR
85
V
Average Rectified Output Current
IO
75
mA
Power Dissipation
PD
100
mW
Operating Junction and Storage Temperature
TJ,TSTG
150, -65~150
°C
WBFBP-03D
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
0.950
1.050
G
-
0.050
B
0.950
1.050
H
0.510
0.610
C
0.010
0.070
J
0.250
0.350
D
0.210
0.310
K
-
0.050
E
0.350 REF.
L
0.450
0.550
F
0.680 REF.
TOP VIEW


Similar Part No. - SCS70DSTL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS70DSTL SECOS-SCS70DSTL Datasheet
203Kb / 2P
0.075A , 85V Plastic-Encapsulated Switching Diode
SCS70DSTL-C SECOS-SCS70DSTL-C Datasheet
204Kb / 2P
Plastic-Encapsulated Switching Diode
More results

Similar Description - SCS70DSTL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAL99 SECOS-BAL99 Datasheet
121Kb / 2P
Plastic-Encapsulated Switching Diode
MMBD4448F SECOS-MMBD4448F Datasheet
225Kb / 2P
Plastic-Encapsulated Switching Diode
SCS181K SECOS-SCS181K Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
SCS187K SECOS-SCS187K Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
MMBD4448Z SECOS-MMBD4448Z_15 Datasheet
320Kb / 2P
Plastic-Encapsulated Switching Diode
SCS21DSTL SECOS-SCS21DSTL_15 Datasheet
201Kb / 2P
Plastic-Encapsulated Switching Diode
SCS187K SECOS-SCS187K_15 Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
SCS400J SECOS-SCS400J_15 Datasheet
284Kb / 2P
Plastic-Encapsulated Switching Diode
SCS914DSTL SECOS-SCS914DSTL_15 Datasheet
138Kb / 2P
Plastic-Encapsulated Switching Diode
SCS4448DSTL SECOS-SCS4448DSTL_15 Datasheet
319Kb / 2P
Plastic-Encapsulated Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com