Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS70DSTL Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS70DSTL
Description  Plastic-Encapsulated Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS70DSTL Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS70DSTL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS70DSTL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCS70DSTL
0.075A , 85V
Plastic-Encapsulated Switching Diode
Elektronische Bauelemente
21-Jul-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameters
Symbol
Min.
Max.
Unit
Test Conditions
Reverse breakdown voltage
V(BR)
85
-
V
IR=100µA
Maximum DC Reverse Current at rated
DC blocking voltage
IR1
-
2
µA
VR=75V
IR2
-
0.03
µA
VR=25V
Forward Voltage
VF1
-
0.715
V
IF=1mA
VF2
-
0.855
V
IF=10mA
VF3
1
V
IF=50mA
VF4
1.25
V
IF=150mA
Diode Capacitance
CD
-
1.5
pF
VR=0, f=1MHz
Maximum Reverse Recovery Time
TRR
-
4
nS
IF=IR=10mA
CHARACTERISTIC CURVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com