Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART3000NET Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SMART3000NET
Description  SmartPro 120V 3kVA 2.4kW Line-Interactive UPS,Extended Run, Tower, 3-DB9 ports
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART3000NET Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART3000NET_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART3000NET_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART3000NET_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART3000NET_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SmartPro 120V 3kVA 2.4kW Line-Interactive UPS,
Extended Run, Tower, 3-DB9 ports
MODEL NUMBER: SMART3000NET
Description
Tripp Lite's SMART3000NET intelligent, line interactive large tower UPS system protects servers, networking
accessories and telecommunications equipment from blackouts, voltage fluctuations and transient surges. Large
internal batteries offer 23 minutes half load runtime and 7 minutes fully loaded. Runtime is expandable with
optional BP24V28-2U (limit 1) and BP24V70-3U (multi-pack compatible) external battery packs. 3000VA/2400
watt power handling capability supports a variety of networking, telecom and other sensitive electronic applications. Includes 8 protected outlets. Supports
remote monitoring of UPS and site power conditions via built-in RS-232 enabled monitoring port, plus standard UPS monitoring via 2 built in contact closure
ports. Includes PowerAlert UPS monitoring and unattended shutdown software with complete cabling. Built-in audible alarm and front panel LEDs indicate line
power, battery power, battery charge level, load level and voltage regulation status. Network grade AC surge suppression protects equipment from damage
and performance problems resulting from transient surges.
Features
SMART 3000NET line interactive UPS offers battery derived AC output during power outages, voltage regulation during brownouts and overvoltages, plus
network-grade AC surge suppression
3000VA/2400 watt power handling capability supports a variety of networking, telecom and other sensitive electronic devices
Large internal batteries offer runtimes of 23 minutes at half load (1500VA/1200 watts) and 7 minutes at full load (3000VA/2400 watts)
Runtime is further expandable with optional external BP24V28-2U (limit 1) and BP24V70-3U (multi-pack compatible) battery packs
Automatic Voltage Regulation (AVR) circuits maintain 120V nominal output over an input voltage range of 87-140V
Includes 8 fully protected outlets (4 NEMA 5-15R & 4 NEMA 5-15/20R) with 2 single outlet load banks that can be individually powered off and back on
again via software interface
PowerAlert UPS monitoring and unattended shutdown software enables configurable network broadcast messaging, email notification, event logging and
running user defined script commands
Offers simultaneous monitoring of up to 3 directly connected devices through included DB9 contact closure and RS-232 enabled interfaces, or the
monitoring of any number of additional servers over IP with included PowerAlert monitoring software
In addition to the contact closure monitoring of on battery, low battery and power restored messaging, built-in RS-232 interface supports messaging of
UPS and line power status, including AC line voltage, DC battery voltage and remaining battery capacity
Supports activate self-test and UPS output power control for delayed or immediate reboot of connected equipment
Highlights
3kVA / 3000VA / 2400W line
interactive, extended-run tower
UPS
120V output, Corrects brownouts
and overvoltages from 87V to
140V
3 DB9 ports (1 RS232 / 2
contact-closure)
Front panel status LEDs with
load and battery capacity display
2 independently switchable
output load banks
NEMA L5-30P input; 4 NEMA
5-15/20R & 4 NEMA 5-15R
outlets
Package Includes
SMART 3000NET UPS System
PowerAlert Software and three 6
foot network cables
Instruction manual
1 / 4


Similar Part No. - SMART3000NET_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART3000NET ETC2-SMART3000NET Datasheet
514Kb / 6P
SmartPro 3kVA Line Interactive UPS, Extended-run option, Tower, Serial, 120V
More results

Similar Description - SMART3000NET_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART3000NET ETC2-SMART3000NET Datasheet
514Kb / 6P
SmartPro 3kVA Line Interactive UPS, Extended-run option, Tower, Serial, 120V
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
SMART1500XL ETC2-SMART1500XL Datasheet
510Kb / 7P
SmartPro 1.5kVA Line Interactive UPS Extended-run option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SU3000XL TRIPPLITE-SU3000XL_15 Datasheet
531Kb / 5P
SmartOnline 110-120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
SMART1500XL TRIPPLITE-SMART1500XL_15 Datasheet
502Kb / 5P
SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Extended Run, Tower, USB, DB9 Serial
SMART1500XLTAA TRIPPLITE-SMART1500XLTAA Datasheet
503Kb / 5P
TAA-Compliant SmartPro 120V 1.5kVA 980W Line-Interactive UPS, Extended Run, Tower, USB,DB9 Serial
SMART2200NET TRIPPLITE-SMART2200NET_15 Datasheet
507Kb / 4P
SmartPro 120V 2.2kVA 1.7kW Line-Interactive UPS,Tower, 3-DB9 Serial ports
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SMART3000VSTAA TRIPPLITE-SMART3000VSTAA Datasheet
530Kb / 5P
TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
SMARTINT3000VS TRIPPLITE-SMARTINT3000VS Datasheet
505Kb / 5P
SmartPro 230V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com