Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART3000NET Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SMART3000NET
Description  SmartPro 120V 3kVA 2.4kW Line-Interactive UPS,Extended Run, Tower, 3-DB9 ports
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART3000NET Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMART3000NET_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART3000NET_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART3000NET_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART3000NET_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Supports activate self-test and UPS output power control for delayed or immediate reboot of connected equipment
Diagnostic LEDs (indicate 17 performance conditions)
Specifications
OUTPUT
Output Capacity Details
2400W maximum output with up to 1 external battery pack connected; 1600W maximum capacity with 2-3 external
battery packs connected; 1250W maximum capacity with 4 or more external battery packs connected
Output Volt Amp Capacity (VA)
3000
Output kVA Capacity (kVA)
3
Output Watt Capacity (Watts)
2400
Output kW Capacity (kW)
2.4
Power Factor
0.8
Nominal Output Voltage(s)
Supported
120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
-13% / +5%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(4) 5-15R; (4) 5-15/20R
Load Management Receptacles
Two switchable single-outlet 5-15R load banks
Output Circuit Breakers
15A branch rated (x2) - each breaker protects 4 outlets
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
22A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
L5-30P
UPS Input Cord Length (ft.)
8
UPS Input Cord Length (m)
2.4
Recommended Electrical Service
30A 120V
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
7 min. (2400w)
Half Load Runtime (min.)
23 min. (1200w)
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com