Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART3000VSTAA Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SMART3000VSTAA
Description  TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART3000VSTAA Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART3000VSTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART3000VSTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART3000VSTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART3000VSTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART3000VSTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAA-Compliant SmartPro 120V 3kVA 2.25kW
Line-Interactive UPS, Extended Run, SNMP,
Webcard, Tower, 120V, USB, DB9 Serial
MODEL NUMBER: SMART3000VSTAA
Description
Tripp Lite's SMART3000VSTAA intelligent, line interactive UPS with expandable runtime protects server,
networking and telecommunications equipment from blackouts, voltage fluctuations and transient surges. Small
footprint, tower UPS system occupies only 106 square inches of floorspace with a height of only 14.25 inches.
Large capacity 3000 VA/2250 watt rated UPS system offers 4 minutes runtime at full load and 14 minutes at half
load during power failures. Runtime is expandable with optional external battery packs. Line interactive voltage
regulation corrects brownouts as low as 79V and overvoltages as high as 147V to fully regulated 120V nominal output for smooth continuous operation of
connected equipment. Includes a total of 10 outlets, 3 of which can be individually powered off and back on via software interface to selectively reboot remote
equipment or shed less critical loads to extend battery runtime for more critical loads. Includes slot for internal SNMPWEBCARD, plus 2 DB9 and 2 USB
enhanced monitoring ports for unattended shutdown, remote control and monitoring of UPS system and power data. Ships in attractive gray color scheme.
Compatible with Tripp Lite's PowerAlert and Watchdog service software.
Features
Federal Trade Agreements Act / TAA Compliant for GSA Schedule purchases
3000VA/2250 watt output capacity accommodates a variety of server, networking and telecom devices
High power density 3kVA UPS system occupies only 106 square inches of floorspace with a height of only 14.25 inches
Compatible with North American 120V/60 Hz power as found in the USA, Canada and Mexico
Offers 4 minutes runtime with a full load of 3000VA and 14 minutes with a half load of 1500VA
Runtime is expandable with BP48V24-2U (limit 1), BP48V60RT-3U (multi-pack compatible) and BP48V27-2US (multi-pack compatible) external battery
packs
Line interactive voltage regulation corrects severe brownouts and overvoltages from 79 to 147v back to normal 120v levels without using battery power
10 total outlets (7 NEMA5-15R; 2 NEMA5-15/20R; 1 L5-30R)
Includes NEMA L5-30P locking 30 amp input plug connection
Notification of system status via 5 LEDs and multi-function audible alarms
Included PowerAlert Software provides e-mail notification of power problems and the simultaneous automatic unattended shutdown of multiple servers
Highlights
Federal Trade Agreements Act /
TAA Compliant for GSA
Schedule purchases
3kVA / 3000VA line interactive
tower UPS system
120V nominal output during
brownouts to 79V and
overvoltages to 147V
Front panel status LEDs, USB,
RS232, EPO and
SNMPWEBCARD option
NEMA L5-30P input; 7 NEMA
5-15R, 2 5-15/20R & 1 L5-30R
outlets
This product is ENERGY STAR
qualified for its ability to save
customers money while
helping to protect the
environment
Package Includes
SMART3000VSTAA UPS System
PowerAlert Software and cabling
Instruction manual
1 / 5


Similar Part No. - SMART3000VSTAA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
More results

Similar Description - SMART3000VSTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SM3000RM2UNTAA TRIPPLITE-SM3000RM2UNTAA Datasheet
510Kb / 5P
TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard,2U Rack-Tower, LCD, USB, DB9 Serial
SM3000RM2UTAA TRIPPLITE-SM3000RM2UTAA Datasheet
511Kb / 5P
TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SM3000RMXL2UTAA TRIPPLITE-SM3000RMXL2UTAA Datasheet
507Kb / 5P
TAA-Compliant SmartPro 120V 3kVA 2.88kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U, LCD, USB, DB9 Serial
SMART1500XLTAA TRIPPLITE-SMART1500XLTAA Datasheet
503Kb / 5P
TAA-Compliant SmartPro 120V 1.5kVA 980W Line-Interactive UPS, Extended Run, Tower, USB,DB9 Serial
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
SMART3000RM2U TRIPPLITE-SMART3000RM2U_15 Datasheet
508Kb / 5P
-SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack/Tower, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SMARTINT3000VS TRIPPLITE-SMARTINT3000VS Datasheet
505Kb / 5P
SmartPro 230V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
SMX3000RT2UTAA TRIPPLITE-SMX3000RT2UTAA Datasheet
487Kb / 5P
TAA-Compliant SmartPro 230V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com