Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART3000VSTAA Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SMART3000VSTAA
Description  TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART3000VSTAA Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMART3000VSTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART3000VSTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART3000VSTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART3000VSTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART3000VSTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4 built-in communications ports (2-DB9, 2-USB) for remote monitoring and unattended shutdown
Slot for SNMP/web card (part#: SNMPWEBCARD) and environmental sensor (part#: ENVIROSENSE) for remote communications in large IP
environments
Supports Tripp Lite's WatchDog software application to restore unresponsive programs by automatically restarting them and rebooting completely locked
computers by automatically switching UPS power off and back on again
Communication ports support on battery, low battery, power restored, AC line voltage, DC battery voltage, load percentage, battery charge current,
battery capacity, internal UPS temperature and line frequency status messaging. Interface supports timed inverter shutoff after unattended shutdown,
activate self-test and 10 second reboot of connected equipment
3 individual customized load management receptacles can be individually powered off and back on again via software interface to reboot remote
equipment or perform "load shedding" of less critical loads to extend battery runtime for the most critical equipment
Built-in Emergency Power Off (EPO) interface supports emergency shutoff in large facilities
Hot-swappable/user replaceable batteries allow on-site battery replacement without powering off connected equipment
UPS battery set ships fully assembled and ready for use, no time consuming, connection of individual internal batteries by user is necessary
Specifications
OUTPUT
Output Capacity Details
Output capacity is limited to 1600 watts in all external battery pack configurations
Output Volt Amp Capacity (VA)
3000
Output kVA Capacity (kVA)
3
Output Watt Capacity (Watts)
2250
Output kW Capacity (kW)
2.2
Power Factor
0.8
Nominal Output Voltage(s)
Supported
120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
-18% / +8%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(7) 5-15R; (2) 5-15/20R; (1) L5-30R
Load Management Receptacles
Three switchable two-outlet 5-15R load banks
Output Circuit Breakers
20A branch rated (x2) - breaker 1 protects 5-20R, breaker 2 protects 5-15R, L5-30R is unbreakered
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
24A
Nominal Input Voltage(s) Supported
120V AC
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com