Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMARTINT2200VS Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SMARTINT2200VS
Description  SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMARTINT2200VS Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SMARTINT2200VS Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UPS Power Module Weight (lbs.)
54
UPS Power Module Weight (kg)
24.5
UPS Shipping Dimensions (hwd / in.)
16 x 14.8 x 19.8
UPS Shipping Dimensions (hwd /
cm)
40.6 x 37.5 x 50.2
Shipping Weight (lbs.)
60.5
Shipping Weight (kg)
27.5
Cooling Method
Fan
UPS Housing Material
Polycarbonate
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
347.2
Battery Mode BTU / Hr. (Full Load)
812.9
AC Mode Efficiency Rating (100%
Load)
94%
Audible Noise
Audible Noise < 47dBA At Front Side 1 Meter
COMMUNICATIONS
Communications Interface
USB; DB9 Serial; Contact closure
Network Monitoring Port Description
Supports detailed monitoring of UPS and site power conditions; 2 USB ports, 1 DB9 serial and 1 DB9 contact
closure port (4 total)
PowerAlert Software
Included
Communications Cable
2 USB and 2 DB9 cables included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer Time
2-4 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
151
High Voltage Transfer to Battery
Power (Setpoint)
282
SPECIAL FEATURES
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
High Availability UPS Features
Hot swappable batteries
4 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com