Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMARTINT2200VS Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SMARTINT2200VS
Description  SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMARTINT2200VS Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMARTINT2200VS Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMARTINT2200VS Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Emergency Power Off (EPO) interface with cable
Supports timed inverter shutoff after unattended shutdown, activate self-test and UPS output power control for immediate reboot of connected devices
Supports Tripp Lite's WatchDog software application (requires optional WATCHDOGSW)
Built-in accessory slot supports SNMP with optional SNMPWEBCARD adapter
Emergency Power Off (EPO) interface with cable
Multi-function audible alarms and set of 5 front panel LEDs
Network-grade AC surge suppression
Attractive gray color scheme
Optional PDUBHV20 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
2200
Output kVA Capacity (kVA)
2.2
Output Watt Capacity (Watts)
1600
Output kW Capacity (kW)
1.6
Power Factor
0.7
Nominal Output Voltage(s)
Supported
220V; 230V; 240V
Nominal Voltage Details
230v inverter nominal output voltage
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Line
Mode)
-19% +8%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(8) C13; (1) C19
Included Output Power Cables
Includes 3 C13 to C14 output power cables
Load Management Receptacles
Three switchable two-outlet C13 load banks
Output Circuit Breakers
10A (x2) - each breaker protects 4 C13 outlets each, C19 is unbreakered
Hot-Swap PDU options
PDUBHV20 (2U / 6 C13, 2 C19 outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
11.3A
Nominal Input Voltage(s) Supported
230V AC
UPS Input Connection Type
C20 inlet
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com