Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMARTINT3000VS Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SMARTINT3000VS
Description  SmartPro 230V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMARTINT3000VS Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SMARTINT3000VS Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMARTINT3000VS Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMARTINT3000VS Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMARTINT3000VS Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMARTINT3000VS Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
14.2 x 9.2 x 12
UPS Power Module Dimensions
(hwd, cm)
36.2 x 23.5 x 30.5
UPS Power Module Weight (lbs.)
61
UPS Power Module Weight (kg)
27.7
UPS Shipping Dimensions (hwd / in.)
16 x 14.8 x 19.8
UPS Shipping Dimensions (hwd /
cm)
40.6 x 37.5 x 50.2
Shipping Weight (lbs.)
67.5
Shipping Weight (kg)
30.6
Cooling Method
Fan
UPS Housing Material
Polycarbonate
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
488.3
AC Mode Efficiency Rating (100%
Load)
94%
Audible Noise
Audible Noise < 47dBA At Front Side 1 Meter
COMMUNICATIONS
Communications Interface
USB; DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network Monitoring Port Description
Supports detailed monitoring of UPS and site power conditions
PowerAlert Software
Included
Communications Cable
2 USB and 2 DB9 cables included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer Time
2-4 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
151
High Voltage Transfer to Battery
Power (Setpoint)
282
SPECIAL FEATURES
4 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com