Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMARTINT3000VS Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SMARTINT3000VS
Description  SmartPro 230V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMARTINT3000VS Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMARTINT3000VS Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMARTINT3000VS Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMARTINT3000VS Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMARTINT3000VS Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMARTINT3000VS Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
additional servers over IP with included PowerAlert monitoring software
Communications ports support messaging of UPS and line power status, including on-battery, low-battery, power restored, AC line voltage, DC battery
voltage and remaining battery capacity
Emergency Power Off (EPO) interface with cable
Supports timed inverter shutoff after unattended shutdown, activate self-test and UPS output power control for delayed or immediate reboot of connected
devices
Optional PDUBHV20 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Supports Tripp Lite's WatchDog software application (requires optional WATCHDOGSW)
Built-in accessory slot supports SNMP with optional SNMPWEBCARD adapter
Emergency Power Off (EPO) interface with cable
Multi-function audible alarms and set of 5 front panel LEDs
Network-grade AC surge suppression
Specifications
OUTPUT
Output Capacity Details
2250W maximum with up to 1 external battery pack; 1500W maximum with 2 or more external battery packs
Output Volt Amp Capacity (VA)
3000
Output kVA Capacity (kVA)
3
Output Watt Capacity (Watts)
2250
Output kW Capacity (kW)
2.25
Power Factor
0.75
Nominal Output Voltage(s)
Supported
220V; 230V; 240V
Nominal Voltage Details
230v nominal inverter output voltage
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Line
Mode)
-19% +8%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(8) C13; (1) C19
Included Output Power Cables
Includes 3 C13 to C14 output power cables
Load Management Receptacles
Three switchable two-outlet C13 load banks
Output Circuit Breakers
10A (x2) - each breaker protects 4 C13 outlets each, C19 is unbreakered
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
15.4A
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com