Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7607 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7607
Description  Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7607 Datasheet(HTML) 1 Page - International Rectifier

  IRF7607 Datasheet HTML 1Page - International Rectifier IRF7607 Datasheet HTML 2Page - International Rectifier IRF7607 Datasheet HTML 3Page - International Rectifier IRF7607 Datasheet HTML 4Page - International Rectifier IRF7607 Datasheet HTML 5Page - International Rectifier IRF7607 Datasheet HTML 6Page - International Rectifier IRF7607 Datasheet HTML 7Page - International Rectifier IRF7607 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/19/00
HEXFET® Power MOSFET
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
70
°C/W
Thermal Resistance
VDSS = 20V
RDS(on) = 0.030Ω
Description
www.irf.com
1
PD - 93845
IRF7607
q
Trench Technology
q
Ultra Low On-Resistance
q
N-Channel MOSFET
q
Very Small SOIC Package
q
Low Profile (<1.1mm)
q
Available in Tape & Reel
New trench HEXFET® power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the ruggedized device design that HEXFET
power MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use in a wide
variety of applications.
The new Micro8
™ package has half the footprint area of the
standard SO-8. This makes the Micro8 an ideal package for
applications where printed circuit board space is at a premium.
The low profile (<1.1mm) of the Micro8 will allow it to fit easily
into extremely thin application environments such as portable
electronics and PCMCIA cards.
Micro8
Parameter
Max.
Units
VDS
Drain- Source Voltage
20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
6.5
ID @ TA= 70°C
Continuous Drain Current, VGS @ 4.5V
5.2
A
IDM
Pulsed Drain Current

50
PD @TA = 25°C
Power Dissipation
1.8
PD @TA = 70°C
Power Dissipation
1.2
Linear Derating Factor
0.014
W/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
W
PROVISIONAL
T op V iew
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A


Similar Part No. - IRF7607

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7607PBF IRF-IRF7607PBF Datasheet
144Kb / 8P
HEXFET Power MOSFET
IRF7607PBF IRF-IRF7607PBF Datasheet
149Kb / 8P
Ultra Low On-Resistance
IRF7607PBF IRF-IRF7607PBF_15 Datasheet
149Kb / 8P
Ultra Low On-Resistance
IRF7607TRPBF IRF-IRF7607TRPBF Datasheet
149Kb / 8P
Trench Technology
More results

Similar Description - IRF7607

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5850 IRF-IRF5850 Datasheet
126Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.135ohm)
IRF7301 IRF-IRF7301 Datasheet
113Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=0.050ohm)
IRF7401 IRF-IRF7401 Datasheet
118Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)
IRF7504 IRF-IRF7504 Datasheet
115Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.27ohm)
IRF7530 IRF-IRF7530 Datasheet
83Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7555 IRF-IRF7555 Datasheet
71Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.055ohm)
IRF7604 IRF-IRF7604 Datasheet
134Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
IRF7663 IRF-IRF7663 Datasheet
77Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.020ohm)
IRF7750 IRF-IRF7750 Datasheet
110Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.030ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com