Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6503 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6503
Description  CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6503 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6503 Datasheet HTML 9Page - Torex Semiconductor XC6503 Datasheet HTML 10Page - Torex Semiconductor XC6503 Datasheet HTML 11Page - Torex Semiconductor XC6503 Datasheet HTML 12Page - Torex Semiconductor XC6503 Datasheet HTML 13Page - Torex Semiconductor XC6503 Datasheet HTML 14Page - Torex Semiconductor XC6503 Datasheet HTML 15Page - Torex Semiconductor XC6503 Datasheet HTML 16Page - Torex Semiconductor XC6503 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13/26
XC6503
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(3) DropoutVoltage v.s. OutputCurrent
(4) SupplyCurrent v.s. InputVoltage
XC6503x501xx
0
100
200
300
400
500
600
700
800
900
0
100
200
300
400
500
OutputCurrent : IOUT (mA)
Ta=85℃
Ta=25℃
Ta=-40℃
XC6503x121xx
0
4
8
12
16
20
24
28
32
36
40
0
1
23
45
6
InputVoltage : VIN (V)
Ta=85℃
Ta=25℃
Ta=-40℃
XC6503x281xx
0
4
8
12
16
20
24
28
32
36
40
01
23
4
5
6
InputVoltage : VIN (V)
Ta=85℃
Ta=25℃
Ta=-40℃
XC6503x501xx
0
4
8
12
16
20
24
28
32
36
40
0
1
23
45
6
InputVoltage : VIN (V)
Ta=85℃
Ta=25℃
Ta=-40℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com