Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6503 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6503
Description  CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6503 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6503 Datasheet HTML 17Page - Torex Semiconductor XC6503 Datasheet HTML 18Page - Torex Semiconductor XC6503 Datasheet HTML 19Page - Torex Semiconductor XC6503 Datasheet HTML 20Page - Torex Semiconductor XC6503 Datasheet HTML 21Page - Torex Semiconductor XC6503 Datasheet HTML 22Page - Torex Semiconductor XC6503 Datasheet HTML 23Page - Torex Semiconductor XC6503 Datasheet HTML 24Page - Torex Semiconductor XC6503 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21/26
XC6503
Series
■
PACKAGING INFORMATION (Continued)
●
USP-4 Power Dissipation
Power dissipation data for the USP-4 is shown in this page.
The value of power dissipation varies with the mount board conditions.
Please use this data as one of reference data taken in the described condition.
Board Mount (Tj max = 125℃)
Ambient Temperature(℃)
Power Dissipation Pd(mW)
Thermal Resistance (℃/W)
25
1000
85
400
100.00
1.
Measurement Condition (Reference data)
Condition:
Mount on a board
Ambient:
Natural convection
Soldering:
Lead (Pb) free
Board:
Dimensions 40 x 40 mm (1600 mm
2 in one side)
Copper (Cu) traces occupy 50% of the board area
In top and back faces
Package heat-sink is tied to the copper traces
Material:
Glass Epoxy (FR-4)
Thickness:
1.6 mm
Through-hole:
4 x 0.8 Diameter
Evaluation Board (Unit:mm)
Evaluation Board (Unit: mm)
2. Power Dissipation vs. Ambient temperature
Pd Vs. Ta
0
200
400
600
800
1000
1200
25
45
65
85
105
125
Ambient TemperatureTa: (℃)
Ambient Temperature: Ta (℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com