Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16510 Datasheet(PDF) 2 Page - NEC

Part # UPD16510
Description  VERTICAL DRIVER FOR CCD SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16510 Datasheet(HTML) 2 Page - NEC

  UPD16510 Datasheet HTML 1Page - NEC UPD16510 Datasheet HTML 2Page - NEC UPD16510 Datasheet HTML 3Page - NEC UPD16510 Datasheet HTML 4Page - NEC UPD16510 Datasheet HTML 5Page - NEC UPD16510 Datasheet HTML 6Page - NEC UPD16510 Datasheet HTML 7Page - NEC UPD16510 Datasheet HTML 8Page - NEC UPD16510 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
µPD16510
BLOCK DIAGRAM
20
16
2
7
8
9
14
13
12
10
11
6
15
4
19
5
VDD1
VDD2a
VSS
VDD2a
VDD2b
TO1
Vsb
VDD1
VSS
TI1
PG1
BI1
TI2
PG2
BI2
SUBI
NC
VCC
GND
Input interface
(2.0 to 5.5 V)
Three
level
3
VDD2b
VSS
BO1
Two
level
17
VDD2a
TO2
Three
level
VDD1
VSS
18
VDD2b
VSS
BO2
Two
level
1
Vsb
VSS
SUBO
Two
level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com