Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16510 Datasheet(PDF) 1 Page - NEC

Part # UPD16510
Description  VERTICAL DRIVER FOR CCD SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16510 Datasheet(HTML) 1 Page - NEC

  UPD16510 Datasheet HTML 1Page - NEC UPD16510 Datasheet HTML 2Page - NEC UPD16510 Datasheet HTML 3Page - NEC UPD16510 Datasheet HTML 4Page - NEC UPD16510 Datasheet HTML 5Page - NEC UPD16510 Datasheet HTML 6Page - NEC UPD16510 Datasheet HTML 7Page - NEC UPD16510 Datasheet HTML 8Page - NEC UPD16510 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD16510
The
µPD16510 is a vertical driver dedicated for CCD area image sensors that incorporates a level conversion
circuit and a three-level output function. It contains a CCD vertical register driver (4 channels) and a VOD shutter
driver (1 channel).
The
µPD16510, which uses the CMOS process, provides optimum transmission delay and output ON resistance
characteristics for the vertical drive of CCD sensors. It can be used for low-voltage logic (logic power-supply voltage:
2.0 to 5.5 V).
FEATURES
•
CCD vertical register driver : 4 channels, VOD shutter driver: 1 channel
•
Small package
: 20-pin plastic shrink SOP (225 mil)
•
High breakdown voltage
: 33 V MAX.
•
Low output ON resistance
: 30
Ω TYP.
•
Low voltage operation (logic power-supply voltage: 2.0 to 5.5 V)
•
Latch-up free
•
Pin-compatible with
µPD16506 (CCD driver)
APPLICATIONS
•
Camcorders
ORDERING INFORMATION
Part Number
Package
µPD16510GR-8JG
20-pin plastic shrink SOP (225 mil)
Document No. S12191EJ2V0DS00 (2nd edition)
(Previous No. IC-3448)
Date Published May 1997 N
Printed in Japan
VERTICAL DRIVER FOR CCD SENSOR
1994
The information in this document is subject to change without notice.
The mark
shows major revised points.


Similar Part No. - UPD16510

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16510 RENESAS-UPD16510 Datasheet
211Kb / 18P
MOS INTEGRATED CIRCUIT
1994
UPD16510A RENESAS-UPD16510A Datasheet
318Kb / 15P
VERTICAL DRIVER FOR CCD SENSOR
Feb 03, 2011
UPD16510AGR-8JG-E1-A RENESAS-UPD16510AGR-8JG-E1-A Datasheet
318Kb / 15P
VERTICAL DRIVER FOR CCD SENSOR
Feb 03, 2011
UPD16510AGR-8JG-E2-A RENESAS-UPD16510AGR-8JG-E2-A Datasheet
318Kb / 15P
VERTICAL DRIVER FOR CCD SENSOR
Feb 03, 2011
UPD16510GR-8JG RENESAS-UPD16510GR-8JG Datasheet
211Kb / 18P
MOS INTEGRATED CIRCUIT
1994
More results

Similar Description - UPD16510

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN3112SA PANASONIC-MN3112SA Datasheet
45Kb / 9P
Vertical Driver for Video-Camera CCD Area-Image-Sensor
logo
Samsung semiconductor
KS7221D SAMSUNG-KS7221D Datasheet
110Kb / 7P
VERTICAL DRIVER FOR CCD
logo
Sony Corporation
CXD1250M SONY-CXD1250M Datasheet
154Kb / 7P
Vertical Clock Driver for CCD Image sensor
logo
Panasonic Semiconductor
MN31121SA PANASONIC-MN31121SA Datasheet
173Kb / 11P
CCD Image Sensor Vertical Driver IC
logo
Sony Corporation
CDX1250 SONY-CDX1250 Datasheet
109Kb / 7P
Vertical Clock Driver for CCD Image sensor
logo
NEC
UPD16520A NEC-UPD16520A Datasheet
210Kb / 19P
VERTICAL DRIVER FOR CCD SENSORS
logo
Analog Devices
ADDI9023 AD-ADDI9023 Datasheet
189Kb / 12P
Vertical Driver for CCD Cameras
REV. 0
logo
ON Semiconductor
LV5609V ONSEMI-LV5609V Datasheet
96Kb / 8P
Vertical Clock Driver for CCD
August, 2013
LV5609LP ONSEMI-LV5609LP Datasheet
97Kb / 8P
Vertical Clock Driver for CCD
August, 2013
logo
Renesas Technology Corp
UPD16510A RENESAS-UPD16510A Datasheet
318Kb / 15P
VERTICAL DRIVER FOR CCD SENSOR
Feb 03, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com