Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9540NSTRL Datasheet(PDF) 7 Page - International Rectifier

Part # IRF9540NSTRL
Description  Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9540NSTRL Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF9540NSTRL Datasheet HTML 2Page - International Rectifier IRF9540NSTRL Datasheet HTML 3Page - International Rectifier IRF9540NSTRL Datasheet HTML 4Page - International Rectifier IRF9540NSTRL Datasheet HTML 5Page - International Rectifier IRF9540NSTRL Datasheet HTML 6Page - International Rectifier IRF9540NSTRL Datasheet HTML 7Page - International Rectifier IRF9540NSTRL Datasheet HTML 8Page - International Rectifier IRF9540NSTRL Datasheet HTML 9Page - International Rectifier IRF9540NSTRL Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRF9540NS/L
Peak Diode Recovery dv/dt Test Circuit
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
*
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

* Reverse Polarity of D.U.T for P-Channel
VGS
[
]
[
]
*** VGS = 5.0V for Logic Level and 3V Drive Devices
[
] ***
Fig 14. For P-Channel HEXFETS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com