Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9540NSTRL Datasheet(PDF) 1 Page - International Rectifier

Part # IRF9540NSTRL
Description  Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9540NSTRL Datasheet(HTML) 1 Page - International Rectifier

  IRF9540NSTRL Datasheet HTML 1Page - International Rectifier IRF9540NSTRL Datasheet HTML 2Page - International Rectifier IRF9540NSTRL Datasheet HTML 3Page - International Rectifier IRF9540NSTRL Datasheet HTML 4Page - International Rectifier IRF9540NSTRL Datasheet HTML 5Page - International Rectifier IRF9540NSTRL Datasheet HTML 6Page - International Rectifier IRF9540NSTRL Datasheet HTML 7Page - International Rectifier IRF9540NSTRL Datasheet HTML 8Page - International Rectifier IRF9540NSTRL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF9540NS/L
HEXFET® Power MOSFET
PD - 91483C
l Advanced Process Technology
l Surface Mount (IRF9540S)
l Low-profile through-hole (IRF9540L)
l 175°C Operating Temperature
l Fast Switching
l P-Channel
l Fully Avalanche Rated
5/13/98
S
D
G
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier utilize
advanced processing techniques to achieve extremely low
on-resistance per silicon area. This benefit, combined with
the fast switching speed and ruggedized device design that
HEXFET Power MOSFETs are well known for, provides the
designer with an extremely efficient and reliable device for
use in a wide variety of applications.
The D2Pak is a surface mount power package capable of
accommodatingdiesizesuptoHEX-4.Itprovidesthehighest
power capability and the lowest possible on-resistance in
any existing surface mount package. The D2Pak is suitable
for high current applications because of its low internal
connection resistance and can dissipate up to 2.0W in a
typical surface mount application.
The through-hole version (IRF9540L) is available for low-
profile applications.
Description
VDSS = -100V
RDS(on) = 0.117Ω
ID = -23A
2
D
P ak
TO-26 2
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.1
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V…
-23
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V…
-16
A
IDM
Pulsed Drain Current
…
-76
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
140
W
Linear Derating Factor
0.91
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
430
mJ
IAR
Avalanche Current

-11
A
EAR
Repetitive Avalanche Energy

14
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
-5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C


Similar Part No. - IRF9540NSTRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9540NSTRLPBF IRF-IRF9540NSTRLPBF Datasheet
332Kb / 11P
Advanced Process Technology
logo
TECH PUBLIC Electronics...
IRF9540NSTRLPBF TECHPUBLIC-IRF9540NSTRLPBF Datasheet
3Mb / 5P
P-Channel Power MOSFET
More results

Similar Description - IRF9540NSTRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310 Datasheet
238Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.036ohm, Id=23A)
IRF5NJ9540 IRF-IRF5NJ9540 Datasheet
117Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
IRF5Y9540CM IRF-IRF5Y9540CM Datasheet
105Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
IRF9540N IRF-IRF9540N Datasheet
125Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRFP23N50L IRF-IRFP23N50L Datasheet
104Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.190ohm, Id=23A)
IRFP254N IRF-IRFP254N Datasheet
222Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=125mohm, Id=23A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRFP360LC IRF-IRFP360LC Datasheet
343Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRFP9140N IRF-IRFP9140N Datasheet
142Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRF9540NSPBF IRF-IRF9540NSPBF Datasheet
331Kb / 11P
HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117m廓 , ID = -23A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com