Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFB13N50APBF. Datasheet(PDF) 2 Page - International Rectifier

Part # IRFB13N50APBF.
Description  Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB13N50APBF. Datasheet(HTML) 2 Page - International Rectifier

  IRFB13N50APBF. Datasheet HTML 1Page - International Rectifier IRFB13N50APBF. Datasheet HTML 2Page - International Rectifier IRFB13N50APBF. Datasheet HTML 3Page - International Rectifier IRFB13N50APBF. Datasheet HTML 4Page - International Rectifier IRFB13N50APBF. Datasheet HTML 5Page - International Rectifier IRFB13N50APBF. Datasheet HTML 6Page - International Rectifier IRFB13N50APBF. Datasheet HTML 7Page - International Rectifier IRFB13N50APBF. Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFB13N50A
2
www.irf.com
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.5
V
TJ = 25°C, IS = 14A, VGS = 0V
„
trr
Reverse Recovery Time
–––
370
550
ns
TJ = 125°C, IF = 14A
Qrr
Reverse RecoveryCharge
–––
4.4
6.5
µC
di/dt = 100A/µs
„
iRRM
Reverse RecoveryCurrent
–––
21
31
A
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
8.1
–––
–––
SVDS = 50V, ID = 8.4A
Qg
Total Gate Charge
–––
–––
81
ID = 14A
Qgs
Gate-to-Source Charge
–––
–––
20
nC
VDS = 400V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
36
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
15
–––
VDD = 250V
tr
Rise Time
–––
39
–––
ID = 14A
td(off)
Turn-Off Delay Time
–––
39
–––
RG = 7.5Ω
tf
Fall Time
–––
31
–––
VGS = 10V,See Fig. 10
„
Ciss
Input Capacitance
–––
1910 –––
VGS = 0V
Coss
Output Capacitance
–––
290
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
11
–––
pF
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
–––
2730 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
82
–––
VGS = 0V, VDS = 400V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
160
–––
VGS = 0V, VDS = 0V to 400V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
S
D
G
Diode Characteristics
14
56
A
Symbol
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
500
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.55
–––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.450
Ω
VGS = 10V, ID = 8.4A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
–––
–––
25
µA
VDS = 500V, VGS = 0V
–––
–––
250
VDS = 400V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -30V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. (See Fig. 11)
ƒ ISD ≤ 14A, di/dt ≤ 250A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C.
Notes:
‚ Starting T
J = 25°C, L = 5.7mH, RG = 25Ω,
IAS = 14A, dv/dt = 7.6V/ns. (See Figure 12a)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com