Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B042016 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B042016
Description  16-Port 1U Rack-Mount USB-PS2 KVM Switch with On-Screen Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B042016 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B042016 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B042016 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compatible with B040/42-Series KVM's only. Cannot be daisychained to other KVM series.
16-Port 1U Rack-Mount USB/PS2 KVM Switch with
On-Screen Display
MODEL NUMBER: B042-016
Description
Tripp Lite's NetController 16-Port, 1U rackmount KVM Switch is an affordable, highly-flexible enterprise class
KVM Switch, which allows the user to connect either USB or PS/2 keyboards and mice. In addition, P780-Series
USB/PS2 combo KVM cable kits allow you to connect either USB or PS/2 computers, without the need to
purchase separate cables or adapters. Control up to 16 directly connected computers, or expand the number of
connected computers to up to 256 by daisychaining up to 15 additional B040/42-Series KVM switches
(Compatible with B040/42-Series KVM's only. Cannot be daisychained to other KVM series) Switch between
connected computers via the On-Screen Display (OSD), pushbuttons, or keyboard hotkey commands. Other
features include: password protection, auto-scanning, auto-logout, firmware upgrade and video support up to
2048 x 1536 (QXGA). Mounts easily in a standard 19" rack/cabinet and includes all necessary mounting
hardware. Compatible with all major operating systems. Constructed of heavy-duty steel housing.
Features
NetController 16-Port, 1U rackmount KVM switch
Control 16 computers via a single VGA monitor and USB or PS/2 keyboard/mouse
P780-Series USB/PS2 combo KVM cable kits allow you to connect either USB or PS/2 computers, without the
need to purchase separate cables or adapters
Control up to 256 computers by daisychaining up to 15 additional B040/42-Series KVM switches (Compatible
with B040/42-Series KVM's only. Cannot be daisychained to other KVM series)
Allows for easy customization of ports by daisy-chaing any combination of B042-Series KVM's (4-, 8- or 16-port)
Standard 19" Rackmount size - hardware included
On-Screen Display (OSD) menu for intuitive operation and easy control
Switch between connected computers via the On-Screen Display (OSD), pushbuttons, or keyboard hotkey commands
Supports video resolution up to 2048 x 1536
Password protection and auto-logout features
Firmware upgradeable
Highlights
NetController 16-Port, 1U
rackmount KVM switch
Control 16 computers via a single
VGA monitor and USB or PS/2
keyboard/mouse
Control up to 256 computers by
daisychaining up to 15 additional
B040/42-Series KVM switches
(Compatible with B040/42-Series
KVM's only. Cannot be
daisychained to other KVM
series)
P780-Series USB/PS2 combo
KVM cables kits allow you to
connect either USB or PS/2
computers, without the need to
purchase separate cables or
adapters
Compatible with all major
operating systems
Package Includes
B042-016 NetController 16-Port,
1U rackmount KVM switch
External power supply
Rackmount hardware
8 In. Daisychain cable ( for longer
daisy-chain cables, see Tripp Lite
P781 series cables)
Daisychain terminator
4 ft. HD15 to DB9 firmware
upgrade cable
CD with owner's manual and
quick start guide
Quick start guide
1 / 2


Similar Part No. - B042016

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B042000 E-SWITCH-B042000 Datasheet
33Kb / 1P
All Dimension In MM
B042001 E-SWITCH-B042001 Datasheet
88Kb / 1P
All Dimension In MM
B042002 E-SWITCH-B042002 Datasheet
33Kb / 1P
All Dimension In MM
B042003 E-SWITCH-B042003 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B042004 E-SWITCH-B042004 Datasheet
20Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B042016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B042-004 ETC2-B042-004 Datasheet
486Kb / 4P
4-Port 1U Rackmount USB/PS2 KVM Switch with On-Screen Display
B042-008 ETC2-B042-008 Datasheet
487Kb / 4P
8-Port 1U Rackmount USB/PS2 KVM Switch with On-Screen Display
B042-016 ETC2-B042-016 Datasheet
487Kb / 4P
16-Port 1U Rackmount USB/PS2 KVM Switch with On-Screen Display
logo
Tripp Lite. All Rights ...
B007008 TRIPPLITE-B007008 Datasheet
476Kb / 2P
8-Port KVM Switch, 1U Rack-Mount, On-Screen Display, PS2
B042004 TRIPPLITE-B042004 Datasheet
478Kb / 2P
4-Port 1U Rack-Mount USB-PS2 KVM Switch with On-Screen Display
B042008 TRIPPLITE-B042008 Datasheet
480Kb / 2P
8-Port 1U Rack-Mount USB-PS2 KVM Switch with On-Screen Display
B007-008 TRIPPLITE-B007-008 Datasheet
474Kb / 2P
8-Port KVM Switch, 1U Rack-Mount, On-Screen Display
B042-004 TRIPPLITE-B042-004 Datasheet
158Kb / 4P
4-Port 1U Rack-Mount USB/PS2 KVM Switch with On-Screen Display
B042-008 TRIPPLITE-B042-008 Datasheet
158Kb / 4P
8-Port 1U Rack-Mount USB/PS2 KVM Switch with On-Screen Display
B042-016 TRIPPLITE-B042-016 Datasheet
159Kb / 4P
16-Port 1U Rack-Mount USB/PS2 KVM Switch with On-Screen Display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com