Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B042016 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B042016
Description  16-Port 1U Rack-Mount USB-PS2 KVM Switch with On-Screen Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B042016 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B042016 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B042016 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Firmware upgradeable
Robust metal case design ensures best EMI/RFI shielding and video quality
Hot-swappable: disconnect and reconnect USB computers without rebooting
Supports standard 5-button Microsoft, Logitech, or comparable mice
Supports standard Microsoft, Logitech, or comparable keyboards
Compatible with all major operating systems
Constructed of heavy-duty steel housing
Specifications
OVERVIEW
Users
1
AC Adapter
100-250V
Console
No
Port Control
Push Buttons, Hotkeys, OSD
Max CPU
256
PC/Server Connections
VGA; USB; PS/2
Cat5 KVM Switch
No
IP Remote Access
Yes
Style
1U Rackmount
PHYSICAL
Color
Black
LCD Monitor (in.)
Not Applicable
LCD Monitor (cm)
Not Applicable
ENVIRONMENTAL
BTUs
245.52
CONNECTIONS
Ports
16
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com