Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16650 Datasheet(PDF) 1 Page - NEC

Part # UPD16650
Description  120-/128-OUTPUT TFT-LCD GATE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16650 Datasheet(HTML) 1 Page - NEC

  UPD16650 Datasheet HTML 1Page - NEC UPD16650 Datasheet HTML 2Page - NEC UPD16650 Datasheet HTML 3Page - NEC UPD16650 Datasheet HTML 4Page - NEC UPD16650 Datasheet HTML 5Page - NEC UPD16650 Datasheet HTML 6Page - NEC UPD16650 Datasheet HTML 7Page - NEC UPD16650 Datasheet HTML 8Page - NEC UPD16650 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1995
DATA SHEET
120-/128-OUTPUT TFT-LCD GATE DRIVER
Document No. S11041EJ1V0DS00 (1st edition)
(Previous No. IP-3677)
Date Published December 1995 P
Printed in Japan
MOS INTEGRATED CIRCUIT
µPD16650
The
µPD16650 is a TFT-LCD gate driver. Provided with a level shift circuit at the logic input, this chip can output
a high gate scan voltage for a CMOS-level input. The
µPD16650 has an output change-over function for switching
from the 120-output mode to the 128-output mode, and vice versa, thereby supporting the VGA, SVGA, and XGA
panels. Its output enable function (OE) enables installing the driver on either side.
FEATURES
•
Output with high dielectric strength (on/off range: VDD - VEE1 = 40 VMAX.)
•
Built-in shift direction change-over function
•
Shiftable negative supply voltage (VEE1) level (shift range: |VEE1 - VEE2| = 10 V)
•
Two acceptable CMOS input levels (3.3 and 5 V)
•
Output enable function
•
MC-selectable output count (MC = high : 120-output mode)
(MC = low : 128-output mode)
•
Slim TCP
ORDERING INFORMATION
Part number
Package
µPD16650N-×××
TCP (TAB package)
µPD16650N-×××
Standard TCP (OL pitch = 220
µm)
Remark
When ordering, the customer can specify the external form of the TCP. Call one of our sales representatives
for more information.


Similar Part No. - UPD16650

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16650 RENESAS-UPD16650 Datasheet
192Kb / 14P
MOS INTEGRATED CIRCUIT
1995
UPD16650N-XXX RENESAS-UPD16650N-XXX Datasheet
192Kb / 14P
MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD16650

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16655 NEC-UPD16655 Datasheet
71Kb / 12P
240-OUTPUT TFT-LCD GATE DRIVER
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
256-OUTPUT TFT-LCD GATE DRIVER
logo
Samsung semiconductor
KS0655 SAMSUNG-KS0655 Datasheet
124Kb / 17P
120 / 128 CHANNEL TFT-LCD GATE DRIVER
S6C0655 SAMSUNG-S6C0655 Datasheet
133Kb / 16P
120 / 128 CHANNEL TFT-LCD GATE DRIVER
logo
NEC
UPD161641 NEC-UPD161641 Datasheet
135Kb / 15P
240-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16650 RENESAS-PD16650_15 Datasheet
193Kb / 14P
120-/128-OUTPUT TFT-LCD GATE DRIVER
PD16655 RENESAS-PD16655_15 Datasheet
202Kb / 14P
240-OUTPUT TFT-LCD GATE DRIVER
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
256-OUTPUT TFT-LCD GATE DRIVER
PD16708 RENESAS-PD16708_15 Datasheet
227Kb / 18P
300-OUTPUT TFT-LCD GATE DRIVER
PD161643 RENESAS-PD161643_15 Datasheet
228Kb / 18P
176-OUTPUT TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com