Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCS132 Datasheet(PDF) 12 Page - THine Electronics, Inc.

Part # THCS132
Description  No External Clock Required
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS132 Datasheet(HTML) 12 Page - THine Electronics, Inc.

Back Button THCS132 Datasheet HTML 8Page - THine Electronics, Inc. THCS132 Datasheet HTML 9Page - THine Electronics, Inc. THCS132 Datasheet HTML 10Page - THine Electronics, Inc. THCS132 Datasheet HTML 11Page - THine Electronics, Inc. THCS132 Datasheet HTML 12Page - THine Electronics, Inc. THCS132 Datasheet HTML 13Page - THine Electronics, Inc. THCS132 Datasheet HTML 14Page - THine Electronics, Inc. THCS132 Datasheet HTML 15Page - THine Electronics, Inc. THCS132 Datasheet HTML 16Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
THCS132_Rev.1.01_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
12/19
Mode G
LEN
OEN
Latch Enable、Output Enable Input
L
L
Prohibition
↑
H
8bit Input Latch
H
L
8bit Output enable
H
H
Output disable
(
DATA pins are pulled up by 500kΩ internally)
・
Parallel I/O Pin Function (Mode H, I)
WIDTH
Low (8 / 7bit Upper・Lower)
BID
Low (Uni-direction)
High (Bi-direction)
DIR
High (Reception)
High (Reception)
Mode
H
I
I/O
Function Name
I/O
Function Name
DATA0
O
DOUT0
I
DIN0
DATA1
O
DOUT1
I
DIN1
DATA2
O
DOUT2
I
DIN2
DATA3
O
DOUT3
I
DIN3
DATA4
O
DOUT4
I
DIN4
DATA5
O
DOUT5
I
DIN5
DATA6
O
DOUT6
I
DIN6
DATA7
O
DOUT7
I
Low
DATA8
-
-
-
-
DATA9
-
-
-
-
DATA10
-
-
-
-
DATA11
I
High
I
High
DATA12
I
ADDR0
I
ADDR0
DATA13
I
ADDR1
I
ADDR1
DATA14
I
ADDR2
I
ADDR2
DATA15
I
ADDR3
I
ADDR3
*Non-functional pins marked as “-” are pulled up by 500kΩ internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com