Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCS132 Datasheet(PDF) 16 Page - THine Electronics, Inc.

Part # THCS132
Description  No External Clock Required
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCS132 Datasheet(HTML) 16 Page - THine Electronics, Inc.

Back Button THCS132 Datasheet HTML 11Page - THine Electronics, Inc. THCS132 Datasheet HTML 12Page - THine Electronics, Inc. THCS132 Datasheet HTML 13Page - THine Electronics, Inc. THCS132 Datasheet HTML 14Page - THine Electronics, Inc. THCS132 Datasheet HTML 15Page - THine Electronics, Inc. THCS132 Datasheet HTML 16Page - THine Electronics, Inc. THCS132 Datasheet HTML 17Page - THine Electronics, Inc. THCS132 Datasheet HTML 18Page - THine Electronics, Inc. THCS132 Datasheet HTML 19Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
THCS132_Rev.1.01_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
16/19
Parallel I/O Pin Function (Mode A serial, B serial, C serial)
WIDTH
Low(3 lines serial)
BID
Low(Uni-direction)
Low(Uni-direction)
High(Bi-direction)
DIR
Low(Transmitter)
High(Transmitter)
Low(Master)
Mode
A Serial
B Serial
C Serial
I/O
Function name
I/O
Function name
I/O
Function name
DATA0
I
CSN
I
CSN
I
CSN
DATA1
I
SCK
I
SCK
I
SCK
DATA2
I
SI
-
-
I
SI
DATA3
-
-
O
SO
O
SO
DATA4
-
-
-
-
-
-
DATA5
-
-
-
-
-
-
DATA6
-
-
-
-
-
-
DATA7
-
-
-
-
-
-
DATA8
-
-
-
-
-
-
DATA9
-
-
-
-
-
-
DATA10
I
High
I
High
I
High
DATA11
I
Low
I
Low
I
Low
DATA12
-
-
-
-
-
-
DATA13
-
-
-
-
-
-
DATA14
-
-
-
-
-
-
DATA15
-
-
-
-
-
-
* Unnamed pin is pulled up by 500kΩ internally.
Connection Examples (Mode A serial, B serial, C serial)
Serialize
SCK
SI
CSN
SCK
SO
CSN
Serial
I/F
Deserialize
Serial
I/F
Mode A serial
Mode B serial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com