Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS74AFPEL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS74AFPEL
Description  Dual D-type Positive Edge-triggered Flip-Flops (with Preset and Clear)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS74AFPEL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS74AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS74AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS74AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS74AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS74AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS74AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS74AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LS74AFPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74LS74A
Preliminary
R04DS0012EJ0400 Rev.4.00
Page 5 of 7
Dec 21, 2011
Waveforms 1
tw(H)
tPHL
VOH
VOL
0 V
3 V
0 V
3 V
VOH
VOL
tw(L)
tPHL
tPLH
tPLH
10%
90%
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
10%
90%
Clock
D
Q
Q
tTLH
tTHL
Note:
Clock input pulse; tTLH  15 ns, tTHL  6 ns, PRR = 1 MHz, duty cycle = 50% and for fmax,
tTLH = tTHL  2.5 ns
Waveforms 2
Clear
Preset
Q
Q
VOH
VOH
VOL
VOL
0V
0V
3V
3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
tTHL
tTLH
tw (clear)
≥ 25ns
tw (preset)
≥ 25ns
tTLH
tTHL
tPHL
tPLH
10%
10%
10%
10%
90%
90%
90%
90%
1.3V
1.3V
tPLH
tPHL
Note:
Crear and presel input pulse; tTLH  15 ns, tTHL  6 ns, PRR = 1 MHz,



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com