Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS74AFPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LS74AFPEL
Description  Dual D-type Positive Edge-triggered Flip-Flops (with Preset and Clear)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS74AFPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LS74AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS74AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS74AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS74AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS74AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS74AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS74AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LS74AFPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HD74LS74A
Preliminary
R04DS0012EJ0400 Rev.4.00
Page 6 of 7
Dec 21, 2011
Package Dimensions
( Ni/Pd/Au plating )
7.62
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
19.2
6.3
5.06
A1
Z
b3
D
E
A
bp
c
θ
e
L
e1
0.51
0.56
1.30
0.19
0.25
0.31
2.29 2.54
2.79
15°
20.32
7.4
0.400.48
2.39
2.54
8
14
7
1
p
3
1
b
D
e
Z
b
c
e
θ
P-DIP14-6.3x19.2-2.54
0.97g
MASS[Typ.]
DP-14AV
PRDP0014AB-B
RENESAS Code
JEITA Package Code
Previous Code
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
1.42
0.15
1.27
7.50
8.00
0.40
0.34
10.5
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.20
0.90
0.70
0.50
5.50
0.20
0.10
0.00
0.46
0.25
0.20
0.15
7.80
0.12
1.15
10.06
e
HE
L
A
D
E
A2
A1
bp
b1
c
x
y
Z
L1
c1
θ
Previous Code
JEITA Package Code
RENESAS Code
PRSP0014DF-B
FP-14DAV
MASS[Typ.]
0.23g
P-SOP14-5.5x10.06-1.27
Terminal cross section
(Ni/Pd/Au plating)
Detail F
L
y
S
S
Index mark
1
*1
7
14
8
F
*3
M
x
D
Z
e
L1
bp
bp



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com