Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFN150 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFN150
Description  POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.060ohm, Id=34A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFN150 Datasheet(HTML) 1 Page - International Rectifier

  IRFN150 Datasheet HTML 1Page - International Rectifier IRFN150 Datasheet HTML 2Page - International Rectifier IRFN150 Datasheet HTML 3Page - International Rectifier IRFN150 Datasheet HTML 4Page - International Rectifier IRFN150 Datasheet HTML 5Page - International Rectifier IRFN150 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFN150
100V
0.060
Ω
34A
Features:
s
Avalanche Energy Rating
s
Dynamic dv/dt Rating
s
Simple Drive Requirements
s
Ease of Paralleling
s
Hermetically Sealed
s
Surface Mount
s
Light-weight
N-CHANNEL
Provisional Data Sheet No. PD-9.1547
100 Volt, 0.060
Ω
Ω
Ω
Ω
Ω HEXFET
HEXFET technology is the key to International Rectifier’s
advanced line of power MOSFET transistors.The effi-
cient geometry achieves very low on-stateresistancecom-
binedwithhightransconductance.
HEXFET transistors also feature all of the well-establish
advantages of MOSFETs, such as voltage control, very
fast switching, ease of paralleling and electrical param-
eter temperature stability. They are well-suited for appli-
cations such as switching power supplies, motor controls,
inverters, choppers, audio amplifiers, and high energy
pulse circuits.
The Surface Mount Device (SMD-1) package represents
another step in the continual evolution of surface mount
technology. The SMD-1 will give designers the extra flex-
ibility they need to increase circuit board density. Inter-
national Rectifier has engineered the SMD-1 package to
meet the specific needs of the power market by increas-
ing the size of the termination pads, thereby enhancing
thermal and electrical performance.
IRFN150
HEXFET® POWER MOSFET
Absolute Maximum Ratings
Parameter
IRFN150
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
34
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
21
IDM
Pulsed Drain Current Œ
136
PD @ TC = 25°C
Max. Power Dissipation
150
W
Linear Derating Factor
1.2
W/K 
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy 
150
mJ
IAR
Avalanche Current Œ
34
A
EAR
Repetitive Avalanche Energy Œ
15
mJ
dv/dt
Peak Diode Recovery dv/dt Ž
5.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Package Mounting Surface Temperature
300 (for 5 seconds)
Weight
2.6 (typical)
g
oC
A
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFN150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN150 IRF-IRFN150 Datasheet
170Kb / 7P
Simple Drive Requirements
logo
Seme LAB
IRFN150SMD SEME-LAB-IRFN150SMD Datasheet
22Kb / 2P
N-CHANNEL POWER MOSFET
logo
International Rectifier
IRFN150 IRF-IRFN150_15 Datasheet
170Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFN150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFM260 IRF-IRFM260 Datasheet
442Kb / 8P
TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.060ohm, Id=35A*)
IRFN140 IRF-IRFN140 Datasheet
218Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFN9140 IRF-IRFN9140 Datasheet
215Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=-100V, Rds(on)=0.20ohm, Id=-18A)
IRFY130CM IRF-IRFY130CM Datasheet
338Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14.4A)
IRHNA7264SE IRF-IRHNA7264SE Datasheet
127Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=250V, Rds(on)=0.110ohm, Id=34A)
JANTX2N6756 IRF-JANTX2N6756 Datasheet
236Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14A)
JANTX2N6764 IRF-JANTX2N6764 Datasheet
254Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.055ohm, Id=38A)
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
JANTX2N6788 IRF-JANTX2N6788 Datasheet
238Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.30ohm, Id=6.0A)
JANTX2N6796 IRF-JANTX2N6796 Datasheet
236Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=8.0A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com