Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP17N50LS Datasheet(PDF) 2 Page - International Rectifier

Part # IRFP17N50LS
Description  Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP17N50LS Datasheet(HTML) 2 Page - International Rectifier

  IRFP17N50LS Datasheet HTML 1Page - International Rectifier IRFP17N50LS Datasheet HTML 2Page - International Rectifier IRFP17N50LS Datasheet HTML 3Page - International Rectifier IRFP17N50LS Datasheet HTML 4Page - International Rectifier IRFP17N50LS Datasheet HTML 5Page - International Rectifier IRFP17N50LS Datasheet HTML 6Page - International Rectifier IRFP17N50LS Datasheet HTML 7Page - International Rectifier IRFP17N50LS Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFP17N50LS
2
www.irf.com
Symbol
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
500
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.6
–––
V/°C
Reference to 25°C, ID = 1mA
†
RDS(on)
Static Drain-to-Source On-Resistance
–––
0.28 0.32
Ω
VGS = 10V, ID = 9.9A
„
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
VDS = VGS, ID = 250µA
–––
–––
50
µA
VDS = 500V, VGS = 0V
–––
–––
2.0
mA
VDS = 400V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -30V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature.
ƒ I
SD ≤ 16A, di/dt ≤ 347A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting T
J = 25°C, L = 3.0mH, RG = 25Ω,
IAS = 16A.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
390
mJ
IAR
Avalanche Current

–––
16
A
EAR
Repetitive Avalanche Energy

–––
22
mJ
Avalanche Characteristics
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.56
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
11
–––
–––
SVDS = 50V, ID = 9.9A
Qg
Total Gate Charge
–––
–––
130
ID = 16A
Qgs
Gate-to-Source Charge
–––
–––
33
nC
VDS = 400V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
59
VGS = 10V
„
td(on)
Turn-On Delay Time
–––
21
–––
VDD = 250V
tr
Rise Time
–––
51
–––
ID = 16A
td(off)
Turn-Off Delay Time
–––
50
–––
RG = 7.5Ω
tf
Fall Time
–––
28
–––
VGS = 10V
„
Ciss
Input Capacitance
–––
2760 –––
VGS = 0V
Coss
Output Capacitance
–––
325
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
37
–––
pF
ƒ = 1.0MHz
Coss
Output Capacitance
–––
3690 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
84
–––
VGS = 0V, VDS = 400V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
159
–––
VGS = 0V, VDS = 0V to 400V
…
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com