Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP17N50LS Datasheet (PDF) - International Rectifier

IRFP17N50LS Datasheet PDF - International Rectifier
Part # IRFP17N50LS
Download  IRFP17N50LS Download
File Size   118.43 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)

IRFP17N50LS Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP17N50LS Datasheet PDF - International Rectifier

Part # IRFP17N50LS
Download  IRFP17N50LS Click to download

File Size   118.43 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)

IRFP17N50LS Datasheet (HTML) - International Rectifier


IRFP17N50LS Product details

SMPS MOSFET

Benefits
● Low Gate Charge Qg results in Simple Drive Requirement
● Improved Gate, Avalanche and Dynamic dv/dt Ruggedness
● Fully Characterized Capacitance and Avalanche Voltage
   and Current
● Low Trr and Soft Diode Recovery
● High Performance Optimised Anti-parallel Diode

Applications
● Switch Mode Power Supply (SMPS)
● Uninterruptible Power Supply
● High Speed Power Switching
● ZVS and High Frequency Circuit
● PWM Inverters




Similar Part No. - IRFP17N50LS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
logo
Vishay Siliconix
IRFP17N50L VISHAY-IRFP17N50L Datasheet
845Kb / 8P
Power MOSFET
16-Jun-08
logo
Inchange Semiconductor ...
IRFP17N50L ISC-IRFP17N50L Datasheet
444Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP17N50L VISHAY-IRFP17N50L Datasheet
212Kb / 11P
Power MOSFET
14-Mar-11
IRFP17N50L VISHAY-IRFP17N50L Datasheet
234Kb / 10P
Power MOSFET
24-Jan-2022
More results


Similar Description - IRFP17N50LS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFB17N50L IRF-IRFB17N50L Datasheet
82Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP31N50L IRF-IRFP31N50L Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFB17N50LPBF IRF-IRFB17N50LPBF Datasheet
180Kb / 8P
SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com