Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFB17N50L Datasheet (PDF) - International Rectifier

IRFB17N50L Datasheet PDF - International Rectifier
Part # IRFB17N50L
Download  IRFB17N50L Download
File Size   82.96 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)

IRFB17N50L Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFB17N50L Datasheet PDF - International Rectifier

Part # IRFB17N50L
Download  IRFB17N50L Click to download

File Size   82.96 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)

IRFB17N50L Datasheet (HTML) - International Rectifier




Similar Part No. - IRFB17N50L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFB17N50L VISHAY-IRFB17N50L Datasheet
145Kb / 8P
Power MOSFET
21-Jul-08
IRFB17N50L VISHAY-IRFB17N50L Datasheet
291Kb / 9P
Power MOSFET
21-Mar-11
logo
Inchange Semiconductor ...
IRFB17N50L ISC-IRFB17N50L Datasheet
328Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFB17N50L VISHAY-IRFB17N50L Datasheet
168Kb / 9P
Power MOSFET
12-Apr-2021
logo
International Rectifier
IRFB17N50LPBF IRF-IRFB17N50LPBF Datasheet
180Kb / 8P
SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )
More results


Similar Description - IRFB17N50L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP17N50LS IRF-IRFP17N50LS Datasheet
118Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP31N50L IRF-IRFP31N50L Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFB17N50LPBF IRF-IRFB17N50LPBF Datasheet
180Kb / 8P
SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com