Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP31N50L Datasheet (PDF) - International Rectifier

IRFP31N50L Datasheet PDF - International Rectifier
Part # IRFP31N50L
Download  IRFP31N50L Download
File Size   95.11 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)

IRFP31N50L Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP31N50L Datasheet PDF - International Rectifier

Part # IRFP31N50L
Download  IRFP31N50L Click to download

File Size   95.11 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)

IRFP31N50L Datasheet (HTML) - International Rectifier


IRFP31N50L Product details

Benefits
● Low Gate Charge Qg results in Simple Drive Requirement
● Improved Gate, Avalanche and Dynamicdv/dt Ruggedness
● Fully Characterized Capacitance and Avalanche Voltage and Current
● Low Trr and Soft Diode Recovery
● High Performance Optimised Anti-parallel Diode

Applications
● Switch Mode Power Supply (SMPS)
● UninterruptIble Power Supply
● High Speed Power Switching
● ZVS and High Frequency Circuit
● PWM Inverters

Typical SMPS Topologies
● Bridge Converters
● All Zero Voltage Switching




Similar Part No. - IRFP31N50L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP31N50L VISHAY-IRFP31N50L Datasheet
158Kb / 8P
Power MOSFET
16-Jun-08
IRFP31N50L VISHAY-IRFP31N50L Datasheet
201Kb / 9P
Power MOSFET
21-Mar-11
logo
Inchange Semiconductor ...
IRFP31N50L ISC-IRFP31N50L Datasheet
445Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP31N50L VISHAY-IRFP31N50L Datasheet
223Kb / 11P
Power MOSFET
21-Mar-11
IRFP31N50LPBF VISHAY-IRFP31N50LPBF Datasheet
158Kb / 8P
Power MOSFET
16-Jun-08
More results


Similar Description - IRFP31N50L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5305 IRF-IRF5305 Datasheet
124Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRF5305S IRF-IRF5305S Datasheet
171Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRF640N IRF-IRF640N Datasheet
155Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
IRFB17N50L IRF-IRFB17N50L Datasheet
82Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFIZ44N IRF-IRFIZ44N Datasheet
106Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.024ohm, Id=31A)
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP17N50LS IRF-IRFP17N50LS Datasheet
118Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com