Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP32N50K Datasheet (PDF) - International Rectifier

IRFP32N50K Datasheet PDF - International Rectifier
Part # IRFP32N50K
Download  IRFP32N50K Download
File Size   94.5 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)

IRFP32N50K Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP32N50K Datasheet PDF - International Rectifier

Part # IRFP32N50K
Download  IRFP32N50K Click to download

File Size   94.5 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)

IRFP32N50K Datasheet (HTML) - International Rectifier


IRFP32N50K Product details

SMPS MOSFET



Applications

Switch Mode Power Supply (SMPS)

Uninterruptible Power Supply

High Speed Power Switching

Hard Switched and High Frequency Circuits



Benefits

Low Gate Charge Qg results in Simple Drive Requirement

Improved Gate, Avalanche and Dynamic dv/dt Ruggedness

Fully Characterized Capacitance and Avalanche Voltage and Current

Low RDS(on)




Similar Part No. - IRFP32N50K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP32N50K IRF-IRFP32N50K Datasheet
178Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFP32N50K VISHAY-IRFP32N50K Datasheet
150Kb / 8P
Power MOSFET
07-Jul-08
IRFP32N50K VISHAY-IRFP32N50K Datasheet
183Kb / 9P
Power MOSFET
14-Mar-11
logo
Inchange Semiconductor ...
IRFP32N50K ISC-IRFP32N50K Datasheet
272Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP32N50K VISHAY-IRFP32N50K Datasheet
205Kb / 11P
Power MOSFET
14-Mar-11
More results


Similar Description - IRFP32N50K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7501 IRF-IRF7501 Datasheet
143Kb / 7P
Power MOSFET(Vdss=20V, Rds(on)=0.135ohm)
IRFB17N50L IRF-IRFB17N50L Datasheet
82Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP17N50LS IRF-IRFP17N50LS Datasheet
118Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP31N50L IRF-IRFP31N50L Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFB17N50LPBF IRF-IRFB17N50LPBF Datasheet
180Kb / 8P
SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )
IRFP32N50KPBF IRF-IRFP32N50KPBF Datasheet
189Kb / 8P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.135廓 , ID = 32A )
IRFPS43N50KPBF IRF-IRFPS43N50KPBF Datasheet
130Kb / 8P
HEXFET짰 Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.078廓 , ID = 47A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com