Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFB17N50LPBF Datasheet (PDF) - International Rectifier

IRFB17N50LPBF Datasheet PDF - International Rectifier
Part # IRFB17N50LPBF
Download  IRFB17N50LPBF Download
File Size   180.6 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )

IRFB17N50LPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFB17N50LPBF Datasheet PDF - International Rectifier

Part # IRFB17N50LPBF
Download  IRFB17N50LPBF Click to download

File Size   180.6 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )

IRFB17N50LPBF Datasheet (HTML) - International Rectifier




Similar Part No. - IRFB17N50LPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFB17N50LPBF VISHAY-IRFB17N50LPBF Datasheet
145Kb / 8P
Power MOSFET
21-Jul-08
IRFB17N50LPBF VISHAY-IRFB17N50LPBF Datasheet
168Kb / 9P
Power MOSFET
12-Apr-2021
More results


Similar Description - IRFB17N50LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB17N50L IRF-IRFB17N50L Datasheet
82Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP17N50LS IRF-IRFP17N50LS Datasheet
118Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFP460APBF IRF-IRFP460APBF Datasheet
195Kb / 9P
SMPS MOSFET ( VDSS=500V , RDS(on)max=0.27廓 , ID=20A )
IRFP32N50KPBF IRF-IRFP32N50KPBF Datasheet
189Kb / 8P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.135廓 , ID = 32A )
IRFPS43N50KPBF IRF-IRFPS43N50KPBF Datasheet
130Kb / 8P
HEXFET짰 Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.078廓 , ID = 47A )
IRFP23N50LPBF IRF-IRFP23N50LPBF Datasheet
202Kb / 9P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.190廓 , Trr typ. = 170ns , ID = 23A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com