Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16682 Datasheet(PDF) 21 Page - NEC

Part # UPD16682
Description  1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16682 Datasheet(HTML) 21 Page - NEC

Back Button UPD16682 Datasheet HTML 17Page - NEC UPD16682 Datasheet HTML 18Page - NEC UPD16682 Datasheet HTML 19Page - NEC UPD16682 Datasheet HTML 20Page - NEC UPD16682 Datasheet HTML 21Page - NEC UPD16682 Datasheet HTML 22Page - NEC UPD16682 Datasheet HTML 23Page - NEC UPD16682 Datasheet HTML 24Page - NEC UPD16682 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Data Sheet S13368EJ3V0DS00
21
µµµµ PD16682
10.2 Booster circuit
3x and 4x booster circuits have been incorporated in chip to generate the current driving the LCD.
When using the internal power supply, connect the booster-related capacitor between C1
+ and C1–, C2+ and C2–, and
C3
+ and C3–. Also, connect the level stabilization-related capacitor between VLCD and VSS and set D2 high to boost the
potential between VDD2 and VSS from 3 to 4 times.
Since the booster circuit uses signals from the internal oscillation circuit, the oscillation circuit must be operating.
The relation between the boosted voltage and the potential is described below.
The C1
+, C1–, C2+, C2–, C3+, C3–, and VDD2 pins all relate to the booster circuit, so the wire impedance should be
minimized.
Figure 10
−−−−1. 3x and 4x Booster Circuits
VDD2 = 3 V
VSS = 0 V
VLCD = 3VDD2 = 9 V
(During 3x boost mode)
VLCD = 4VDD2 = 12 V
(During 4x boost mode)
Caution When set to 3x boost mode, connect booster-related capacitors between C2
–
and C3
+ and between C1+ and C1–.
10.3 Voltage Regulator Circuit
The boost voltage that was generated at VLCD is output via the voltage regulator circuit as the LCD drive voltage
VLC1. Since the
µ PD16682 has a 64-level electronic volume function and an on-chip resistor for VLC1 voltage
regulation, various components can be used to configure a highly accurate voltage regulator circuit.
10.3.1 Use of on-chip resistor for VLC1 voltage regulation
The on-chip resistor for VLC1 voltage regulation and the electronic volume function can be used to regulate the
darkness of the LCD contents, not only by adding an external resistor but also by controlling the LCD drive voltage
VLC1 by using commands only. The VLC1 voltage can be determined using equation 10
−1 as within the range of VLC1 < VLCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com