Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16682 Datasheet(PDF) 1 Page - NEC

Part # UPD16682
Description  1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16682 Datasheet(HTML) 1 Page - NEC

  UPD16682 Datasheet HTML 1Page - NEC UPD16682 Datasheet HTML 2Page - NEC UPD16682 Datasheet HTML 3Page - NEC UPD16682 Datasheet HTML 4Page - NEC UPD16682 Datasheet HTML 5Page - NEC UPD16682 Datasheet HTML 6Page - NEC UPD16682 Datasheet HTML 7Page - NEC UPD16682 Datasheet HTML 8Page - NEC UPD16682 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998
MOS INTEGRATED CIRCUIT
µµµµ PD16682
1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
DATA SHEET
Document No.
S13368EJ3V0DS00(3rd edition)
Date Published
March 2000 NS CP(K)
Printed in Japan
The mark
•
•
•
• shows major revised points.
DESCRIPTION
The
µ PD16682 is a LCD controller/driver that includes enough RAM capacity to drive full-dot LCD. Each chip can
drive a full-dot LCD consisting of up to 132 x 65 dots.
This chip is suitable for cellular phones, Japanese or Chinese-language pagers, and other devices that display
Japanese or Chinese characters using either 16 x 16 or 12 x 12 dots per character.
FEATURES
• LCD controller/driver with on-chip display RAM
• Able to operate using +3-V single power supply
• On-chip booster circuit: switchable between 3x and 4x modes
• RAM for dot displays: 132 x 65 bits
• Outputs : 132 segments, 65 commons
• Serial or 8-bit parallel data inputs (switchable between 80 series and 68 series MPUs)
• On-chip divider resistor
• Selectable bias settings (can be set as 1/9 bias or 1/7 bias)
• On-chip oscillation circuit
ORDERING INFORMATION
Part number
Package
µ PD16682W-xxx
Note
Wafer
µ PD16682P-xxx
Note
Chip
µ PD16682N-xxx
Note
-051
Standard TCP (output OLB: 0.15-mm pitch), for evaluation
Note The following four temperature gradients can be selected.
-001: –0.05 % /
°C
-002: –0.1 % /
°C
-003: –0.15 % /
°C
-004: 0 % /
°C
Remark
Purchasing the above chip/wafer entails exchange of documents such as a separate memorandum or
product quality, so please contact one of our sales representative.
•


Similar Part No. - UPD16682

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16682 RENESAS-UPD16682 Datasheet
557Kb / 58P
MOS INTEGRATED CIRCUIT
1998
logo
NEC
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
UPD16682A RENESAS-UPD16682A Datasheet
544Kb / 58P
MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD16682AP NEC-UPD16682AP Datasheet
330Kb / 55P
1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
UPD16682AP RENESAS-UPD16682AP Datasheet
544Kb / 58P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD16682

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16434 NEC-UPD16434 Datasheet
314Kb / 39P
1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
UPD16680 NEC-UPD16680 Datasheet
290Kb / 44P
1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
UPD161401 NEC-UPD161401 Datasheet
647Kb / 124P
256-COLOR, 1/80-DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16488A NEC-UPD16488A Datasheet
2Mb / 91P
1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
UPD16498 NEC-UPD16498 Datasheet
697Kb / 95P
1/128 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16686 NEC-UPD16686 Datasheet
788Kb / 99P
1/128 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
logo
List of Unclassifed Man...
NT7502 ETC1-NT7502 Datasheet
2Mb / 54P
65 X 132 RAM-Map LCD Controller / Driver
logo
Renesas Technology Corp
PD16682 RENESAS-PD16682_15 Datasheet
557Kb / 58P
1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Novatek Microelectronic...
NT7538 NOVATEK-NT7538 Datasheet
1Mb / 68P
132 X 65 RAM-Map STN LCD Controller/Driver
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com