Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16680 Datasheet (PDF) - NEC

UPD16680 Datasheet PDF - NEC
Part # UPD16680
Download  UPD16680 Download
File Size   290.05 Kbytes
Page   44 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM

UPD16680 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16680 Datasheet PDF - NEC

Part # UPD16680
Download  UPD16680 Click to download

File Size   290.05 Kbytes
Page   44 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM

UPD16680 Datasheet (HTML) - NEC


UPD16680 Product details

DESCRIPTION
The µPD16680 is a driver which contains a RAM capable of full - dot LCD display. The single µPD16680 IC chip can operate a full - dot (up to 100 by 51 dots) LCD and pictographs (100 pictographs).
The µPD16680 can operate on single 3 V-power supply, is suitable for graphic pagers and cellular.

FEATURES
• LCD driver with a built-in display RAM
• Can operate on single 3 V-power supply
• Booster circuit incorporated : Switchable 3 or 4 folds
• Dot display RAM : 100 x 51 bits
• Pictographic display RAM : 100 bits
• Pictographic displays duty changeable : 1/53 or 1/40 duty
• Output for full-dot : 100 segments and 52 commons
• Data input based on serial & 4-bit / 8-bit parallel switch over
• String resister to output bias level incorporated
• Selectable LCD driving bias level (select from 1/8 bias, 1/7 bias, 1/6 bias)
• Oscillation circuit incorporated
• D/A converter incorporated (for LCD driving voltage adjustment)




Similar Part No. - UPD16680

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16681 NEC-UPD16681 Datasheet
906Kb / 56P
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
logo
Renesas Technology Corp
UPD16681 RENESAS-UPD16681 Datasheet
1Mb / 58P
MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD16681A NEC-UPD16681A Datasheet
909Kb / 31P
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
logo
Renesas Technology Corp
UPD16681A RENESAS-UPD16681A Datasheet
1Mb / 58P
MOS INTEGRATED CIRCUIT
2000
logo
NEC
UPD16681A-001 NEC-UPD16681A-001 Datasheet
909Kb / 31P
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
More results


Similar Description - UPD16680

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16432B NEC-UPD16432B Datasheet
214Kb / 36P
1/8, 1/15 DUTY LCD CONTROLLER/DRIVER
UPD16434 NEC-UPD16434 Datasheet
314Kb / 39P
1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
UPD16675A NEC-UPD16675A Datasheet
252Kb / 36P
1/34, 1/36 DUTY LCD CONTROLLER/DRIVER
UPD16676 NEC-UPD16676 Datasheet
117Kb / 20P
1/16, 1/32 DUTY LCD CONTROLLER/DRIVER
UPD16682 NEC-UPD16682 Datasheet
435Kb / 31P
1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD161401 NEC-UPD161401 Datasheet
647Kb / 124P
256-COLOR, 1/80-DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
PD16682 RENESAS-PD16682_15 Datasheet
557Kb / 58P
1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
LAPIS Semiconductor Co....
ML9480 LAPIS-ML9480 Datasheet
365Kb / 37P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
logo
Sanyo Semicon Device
DG06243 SANYO-DG06243 Datasheet
200Kb / 2P
(Built-in controller) 1/64 Duty
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com