Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16680 Datasheet(PDF) 6 Page - NEC

Part # UPD16680
Description  1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16680 Datasheet(HTML) 6 Page - NEC

Back Button UPD16680 Datasheet HTML 2Page - NEC UPD16680 Datasheet HTML 3Page - NEC UPD16680 Datasheet HTML 4Page - NEC UPD16680 Datasheet HTML 5Page - NEC UPD16680 Datasheet HTML 6Page - NEC UPD16680 Datasheet HTML 7Page - NEC UPD16680 Datasheet HTML 8Page - NEC UPD16680 Datasheet HTML 9Page - NEC UPD16680 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Data Sheet S12694EJ2V0DS00
6
µµµµPD16680
3. PIN DESCRIPTIONS
3.1 Power System Pins
Pin Symbol
Pin Name
Pin No.
I/O
Function Description
VDD
Logic and booster power
supply pin
22, 23,
48 to 50,
73 to 75,
82, 96
-
Power supply pin for logic and booster circuit.
VSS
Logic and driver ground
pin
51 to 53
-
Ground pin for logic and driver circuit.
VLCD
Driver power supply pin
45 to 47
-
Driver power supply pin. Output pin of internal booster circuit.
Please connect with a 1
µF booster capacitor to ground.
When not using the internal booster circuit, the driver power
can be turned on directly.
VLC1 to VLC5
Driver reference power
supply
25 to 27,
29 to 31,
33 to 35,
37 to 39,
41 to 43
-
Reference power supply pin for LCD drive.
When the internal bias is selected, be sure to leave it open.
When display contrast is bad, connect a capacitor between
these pins and ground.
VLCBS1 to
VLCBS3
Bias level select pin
4, 5, 7,
8, 10, 11
-
When the internal bias is selected, Connecting these pins
outside the IC, the bias level can be changed.
C1
+, C
1
–
C2
+, C
2
–
C3
+, C
3
–
Capacitor connection pins
55 to 72
-
Capacitor connection pins for booster circuit. When using
internal booster circuit, connect a 1
µF capacitor between
these pins.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com