Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16680 Datasheet(PDF) 38 Page - NEC

Part # UPD16680
Description  1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16680 Datasheet(HTML) 38 Page - NEC

Back Button UPD16680 Datasheet HTML 34Page - NEC UPD16680 Datasheet HTML 35Page - NEC UPD16680 Datasheet HTML 36Page - NEC UPD16680 Datasheet HTML 37Page - NEC UPD16680 Datasheet HTML 38Page - NEC UPD16680 Datasheet HTML 39Page - NEC UPD16680 Datasheet HTML 40Page - NEC UPD16680 Datasheet HTML 41Page - NEC UPD16680 Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Data Sheet S12694EJ2V0DS00
38
µµµµPD16680
Required conditions for timing (Unless otherwise specified, TA = –40 to +85
°C, VDD = 2.7 to 3.3 V)
1. Common
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Clock frequency
fOSC
OSCIN external clock
20
32
50
kHz
High-level clock pulse width
tWHC1
OSCIN external clock
10
25
µs
Low -level clock pulse width
tWLC1
OSCIN external clock
10
25
µs
High-level clock pulse width
tWHC2
OSCBRI external clock
400
ns
Low -level clock pulse width
tWLC2
OSCBRI external clock
400
ns
Rise/Fall time
tr, tf
OSCBRI external clock
100
ns
Reset pulse width
tWRE
/RESET pin
50
µs
Remark The TYP. value is a reference value when TA =+25
°C.
2. Serial interface
Parameter
Synbol
Conditions
MIN.
TYP.
MAX.
Unit
Shift clock cycle
tCYK
SCK
900
ns
High-level shift clock pulse width
tWHK
SCK
295
ns
Low-level shift clock pulse width
tWLK
SCK
295
ns
Shift clock hold time
tHSTBK
STB
↓ → SCK↓
400
ns
Data setup time
tDS1
DATA
→ SCK↑
40
ns
Data hold time
tDH1
SCK
↑ → DATA
40
ns
STB hold time
tHKSTB
SCK
↑ → STB↑
400
ns
STB pulse width
tWSTB
210
ns
Wait time
Note
tWAIT
8th CLK
↑ →1st CLK↓
100
ns
Note See 11.1.3 Transmission (Command/Data read).
3. Parallel interface
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Enable cycle time
tCYCE
E
↑ → E↑
900
ns
High-level enable pulse width
tWHE
E
295
ns
Low-level enable pulse width
tWLE
E
295
ns
STB pulse width
tWSTB
210
ns
STB hold time
tHKSTB
400
ns
Enable hold time
tHSTBK
400
ns
Data setup time
tDS2
D0 to D7
→ E↑
40
ns
Data hold time
tDH2
D0 to D7
→ E↓
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com