Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16680 Datasheet(PDF) 9 Page - NEC

Part # UPD16680
Description  1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16680 Datasheet(HTML) 9 Page - NEC

Back Button UPD16680 Datasheet HTML 5Page - NEC UPD16680 Datasheet HTML 6Page - NEC UPD16680 Datasheet HTML 7Page - NEC UPD16680 Datasheet HTML 8Page - NEC UPD16680 Datasheet HTML 9Page - NEC UPD16680 Datasheet HTML 10Page - NEC UPD16680 Datasheet HTML 11Page - NEC UPD16680 Datasheet HTML 12Page - NEC UPD16680 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Data Sheet S12694EJ2V0DS00
9
µµµµPD16680
3.3 Driver System Pins
Pin Symbol
Pin Name
Pin No.
I/O
Function Description
SEG1 to
SEG100
Segment
132 to 231
O
Segment output pins.
COM1 to
COM51
Common
102 to 112,
117 to 130,
232 to 247,
252 to 261
O
Common output pins
PCOM
Pictographic common
131, 262
O
Common output pins for pictograph.
(Same waveform output from these pins.)
AMPIN(+)
19, 20
AMPIN(-)
Operational amplifier input
16,17
I
These pins are the input pins of operational amplifier for LCD
driving voltage adjustment.
When using the internal D/A converter, leave AMPIN(+) open.
When not using the internal D/A converter, it is necessary to
input the reference voltage.
AMPIN(–) is connected to the resister for LCD driving voltage
adjustment.
See 4. LCD DRIVING VOLTAGE CONTROL CIRCUIT.
AMPOUT
Operational amplifier
output
13,14
O
This is the input pin of operational amplifier for LCD driving
voltage adjustment. Normally it is connected to the resister for
LCD driving voltage adjustment. See 4. LCD DRIVING
VOLTAGE CONTROL CIRCUIT. It recommends to connect to
this pin a 0.1 to 1
µF capacitor to make the output of the
internal operational amplifier be stable.
Dummy
Dummy pad
1, 2, 3, 9, 12,
15, 18, 21,
24, 28, 32,
33, 40, 44,
54, 76,
98 to 101,
113 to 116,
248 to 251,
263, 264
-
Dummy pins are not connected to the internal circuit. Leave
open if they are not used.
4. LCD DRIVING VOLTAGE CONTROL CIRCUIT
Reference power circuit
D/A
Converter
DACHA
AMPIN(+)
AMPIN(−)
AMPout
VLC1
VSS
VEXT
R2
R1
C1
−
VLC2
VLC3
VLC4
VLC5
VLCBS1
VLCBS2
VLCBS3
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com