Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16680 Datasheet(PDF) 1 Page - NEC

Part # UPD16680
Description  1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16680 Datasheet(HTML) 1 Page - NEC

  UPD16680 Datasheet HTML 1Page - NEC UPD16680 Datasheet HTML 2Page - NEC UPD16680 Datasheet HTML 3Page - NEC UPD16680 Datasheet HTML 4Page - NEC UPD16680 Datasheet HTML 5Page - NEC UPD16680 Datasheet HTML 6Page - NEC UPD16680 Datasheet HTML 7Page - NEC UPD16680 Datasheet HTML 8Page - NEC UPD16680 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1997, 1999
MOS INTEGRATED CIRCUIT
µµµµPD16680
1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
DATA SHEET
Document No.
S12694EJ2V0DS00(2nd edition)
Date Published
July 1999 NS CP(K)
Printed in Japan
DESCRIPTION
The
µPD16680 is a driver which contains a RAM capable of full - dot LCD display. The single µPD16680 IC chip can
operate a full - dot (up to 100 by 51 dots) LCD and pictographs (100 pictographs).
The
µPD16680 can operate on single 3 V-power supply, is suitable for graphic pagers and cellular.
FEATURES
• LCD driver with a built-in display RAM
• Can operate on single 3 V-power supply
• Booster circuit incorporated : Switchable 3 or 4 folds
• Dot display RAM : 100 x 51 bits
• Pictographic display RAM : 100 bits
• Pictographic display's duty changeable : 1/53 or 1/40 duty
• Output for full-dot : 100 segments and 52 commons
• Data input based on serial & 4-bit / 8-bit parallel switch over
• String resister to output bias level incorporated
• Selectable LCD driving bias level (select from 1/8 bias, 1/7 bias, 1/6 bias)
• Oscillation circuit incorporated
• D/A converter incorporated (for LCD driving voltage adjustment)
ORDERING INFORMATION
Part number
Package
µPD16680W/P
Wafer/Chip(Matched COG mounting)
Remark
Purchasing the above products in term of chips per requires an exchange of other documents as well,
including a memorandum on the product quality. Therefore those who are interested in this regard are
advised to contact an NEC salesperson for further details.
The mark
•
•
•
• shows major revised points.


Similar Part No. - UPD16680

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16681 NEC-UPD16681 Datasheet
906Kb / 56P
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
logo
Renesas Technology Corp
UPD16681 RENESAS-UPD16681 Datasheet
1Mb / 58P
MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD16681A NEC-UPD16681A Datasheet
909Kb / 31P
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
logo
Renesas Technology Corp
UPD16681A RENESAS-UPD16681A Datasheet
1Mb / 58P
MOS INTEGRATED CIRCUIT
2000
logo
NEC
UPD16681A-001 NEC-UPD16681A-001 Datasheet
909Kb / 31P
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
More results

Similar Description - UPD16680

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16432B NEC-UPD16432B Datasheet
214Kb / 36P
1/8, 1/15 DUTY LCD CONTROLLER/DRIVER
UPD16434 NEC-UPD16434 Datasheet
314Kb / 39P
1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
UPD16675A NEC-UPD16675A Datasheet
252Kb / 36P
1/34, 1/36 DUTY LCD CONTROLLER/DRIVER
UPD16676 NEC-UPD16676 Datasheet
117Kb / 20P
1/16, 1/32 DUTY LCD CONTROLLER/DRIVER
UPD16682 NEC-UPD16682 Datasheet
435Kb / 31P
1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD161401 NEC-UPD161401 Datasheet
647Kb / 124P
256-COLOR, 1/80-DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
PD16682 RENESAS-PD16682_15 Datasheet
557Kb / 58P
1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
LAPIS Semiconductor Co....
ML9480 LAPIS-ML9480 Datasheet
365Kb / 37P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
logo
Sanyo Semicon Device
DG06243 SANYO-DG06243 Datasheet
200Kb / 2P
(Built-in controller) 1/64 Duty
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com