Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2891 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2891
Description  500 MHz Center Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2891 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2891 Datasheet HTML 1Page - KR Electronics, Inc. 2891 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
CH2
S31
LOG
1 dB/
REF 0 dB
CENTER
500 . 000
000
MHz
SPAN
35 . 000
000
MHz
Cor
CH4
S31
DEL
10 ns/
REF 0 s
Cor
Smo
20 Feb 2009 19:37:01
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
100 . 000
000
MHz
STOP
1 000 . 000
000
MHz
20 Feb 2009 19:41:16
KR Electronics
KR 2891 is a 500 MHz bandpass filter. The filter has a 3 dB
bandwidth of 27.5 MHz ±6 MHz. Other passband frequencies
are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 500 MHz Center Frequency
 3 dB Bandwith 27.5 MHz
 Surface Mount
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2891

ManufacturerPart #DatasheetDescription
logo
PROXXON. All rights res...
28910 PROXXON-28910 Datasheet
124Kb / 1P
life expectancy !
logo
PHOENIX CONTACT
2891001 PHOENIX-2891001 Datasheet
91Kb / 7P
Industrial Ethernet Switch - FL SWITCH SFNB 5TX
09/12/2020
2891002 PHOENIX-2891002 Datasheet
393Kb / 12P
Industrial Ethernet Switch - FL SWITCH SFNB 8TX
Dec 2, 2022
2891003 PHOENIX-2891003 Datasheet
101Kb / 8P
Industrial Ethernet Switch - FL SWITCH SFNT 5TX
09/12/2020
2891004 PHOENIX-2891004 Datasheet
643Kb / 21P
Industrial Ethernet Switch - FL SWITCH SFNT 4TX/FX
Dec 2, 2022
More results

Similar Description - 2891

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
3 MHz Center Frequency
2574-SMA KR-2574-SMA Datasheet
59Kb / 2P
20 MHz Center Frequency
2965-SMA KR-2965-SMA Datasheet
75Kb / 3P
500 MHz Center Frequency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com