Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16813 Datasheet(PDF) 2 Page - NEC

Part # UPD16813
Description  MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16813 Datasheet(HTML) 2 Page - NEC

  UPD16813 Datasheet HTML 1Page - NEC UPD16813 Datasheet HTML 2Page - NEC UPD16813 Datasheet HTML 3Page - NEC UPD16813 Datasheet HTML 4Page - NEC UPD16813 Datasheet HTML 5Page - NEC UPD16813 Datasheet HTML 6Page - NEC UPD16813 Datasheet HTML 7Page - NEC UPD16813 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
µPD16813
2
BLOCK DIAGRAM
VDD
IN1
VM1
1A
1B
2A
2B
PGND1
PGND2
VM2
IN2
SEL
INC
DGND
CONTROL
CIRCUIT
‘‘H” BRIDGE 1
‘‘H” BRIDGE 2
VM
+
FUNCTION TABLE
•
In stop mode (SEL = High)
Excitation Direction
INC
IN1
IN2
H1
H2
<1>
H
H
H
F
F
<2>
H
L
H
R
F
<3>
H
L
L
R
R
<4>
H
H
L
F
R
–L
××
Stop
•
In brake mode (SEL = Low)
Excitation Direction
INC
IN1
IN2
H1
H2
<1>
H
H
H
F
F
<2>
H
L
H
R
F
<3>
H
L
L
R
R
<4>
H
H
L
F
R
–L
××
Brake
F : Forward
R : Reverse
× : Don’t care
H2 R
H1 R
H2 F
H1 F
<4>
<1>
<2>
<3>



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com