Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16813 Datasheet(PDF) 1 Page - NEC

Part # UPD16813
Description  MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16813 Datasheet(HTML) 1 Page - NEC

  UPD16813 Datasheet HTML 1Page - NEC UPD16813 Datasheet HTML 2Page - NEC UPD16813 Datasheet HTML 3Page - NEC UPD16813 Datasheet HTML 4Page - NEC UPD16813 Datasheet HTML 5Page - NEC UPD16813 Datasheet HTML 6Page - NEC UPD16813 Datasheet HTML 7Page - NEC UPD16813 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1997
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD16813
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
DESCRIPTION
The
µPD16813 is a monolithic dual H bridge driver circuit which uses power MOS FETs in its driver stage. By
complementing the P channel and N channel of the output stage, the circuit current has been substantially inproved
as compared with that of conventional charge pump drivers.
The
µPD16813 is therefore ideal as the driver circuit of the 2-phase excitation, bipolar-driven stepping motor for
the head actuator of an FDD.
FEATURES
•
Low ON resistance (sum of ON resistors of top and bottom transistors)
RON = 2.0
Ω TYP.
•
Low current consumption: IDD = 100
µA MAX.
•
Noise reduction circuit that operates when INC is OFF.
•
Compact surface mount package: 16-pin plastic SOP (300 mil)
PIN CONFIGURATION (Top View)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VM1
1A
PGND1
2A
VDD
IN1
IN2
INC
NC
1B
PGND2
2B
VM2
SEL
NC
DGND
ORDERING INFORMATION
Part Number
Package
µPD16813GS
16-pin plastic SOP (300 mil)
Document No. S10590EJ2V0DS00 (2nd edition)
Date Published July 1997 N
Printed in Japan


Similar Part No. - UPD16813

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16813 RENESAS-UPD16813 Datasheet
243Kb / 10P
MOS INTEGRATED CIRCUIT
1997
UPD16813GS RENESAS-UPD16813GS Datasheet
243Kb / 10P
MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD16813

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16808 NEC-UPD16808 Datasheet
96Kb / 12P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16814 NEC-UPD16814 Datasheet
94Kb / 12P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16803 NEC-UPD16803 Datasheet
97Kb / 12P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16818 NEC-UPD16818 Datasheet
136Kb / 15P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
MONOLITHIC H BRIDGE DRIVER CIRCUIT
PD16813 RENESAS-PD16813_15 Datasheet
244Kb / 10P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16814 RENESAS-PD16814_15 Datasheet
199Kb / 14P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16818 RENESAS-PD16818_15 Datasheet
253Kb / 17P
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com