Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2927 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2927
Description  440 MHz End of Passband < 3 dB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2927 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2927 Datasheet HTML 1Page - KR Electronics, Inc. 2927 Datasheet HTML 2Page - KR Electronics, Inc. 2927 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2009, KR Electronics, Inc.
2927, 444 MHz Lowpass, Rev 0, July 17, 2009
KR Electronics
KR Electronics part number 2927 is a 440 MHz elliptic type
lowpass filter. Other bandwidths available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 440 MHz End of Passband < 3 dB
 Sharp Transition to Stopband
 >40 dB at 520 MHz
 50  Source and Load
 Surface Mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2927

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2927 ALLEGRO-2927 Datasheet
78Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
September 16, 1997
logo
Vishay Siliconix
29271E3 VISHAY-29271E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
31-Jan-17
logo
Belden Inc.
29275 BELDEN-29275 Datasheet
570Kb / 4P
PROFIBUS Data Double-Ended Cordset: Male straight B-coded black M12
02-03-2025
29277 BELDEN-29277 Datasheet
399Kb / 3P
PROFIBUS Data Single-Ended Cordset
More results

Similar Description - 2927

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8310 AD-AD8310 Datasheet
606Kb / 24P
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
10/04-Data Sheet Changed from Rev. C to Rev. D
AD8310 AD-AD8310_05 Datasheet
530Kb / 24P
Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
6/05-Rev. D to Rev. E
logo
EPCOS
B3913 EPCOS-B3913 Datasheet
86Kb / 8P
Usable passband 56 MHz
B4314 EPCOS-B4314 Datasheet
85Kb / 8P
Usable passband 25.0 MHz
logo
Pasternack Enterprises,...
PE51007 PASTERNACK-PE51007 Datasheet
44Kb / 1P
Wideband Mobile Antenna, 440 - 480 MHz, 4.5 dB
logo
KR Electronics, Inc.
2159-35-50 KR-2159-35-50 Datasheet
53Kb / 3P
3.5 MHz min 3 dB Bandwidth
2515-S KR-2515-S Datasheet
36Kb / 2P
50 MHz Passband
2933 KR-2933 Datasheet
61Kb / 3P
30 MHz End of Passband < 3 dB
2933-SMA KR-2933-SMA Datasheet
75Kb / 3P
30 MHz End of Passband < 3 dB
2937 KR-2937 Datasheet
72Kb / 3P
20 MHz End of Passband 3 dB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com