Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3913 Datasheet (PDF) - EPCOS

B3913 Datasheet PDF - EPCOS
Part # B3913
Download  B3913 Download
File Size   86.46 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Usable passband 56 MHz

B3913 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3913 Datasheet PDF - EPCOS

Part # B3913
Download  B3913 Click to download

File Size   86.46 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Usable passband 56 MHz

B3913 Datasheet (HTML) - EPCOS




Similar Part No. - B3913

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39131-B3647-Z710 EPCOS-B39131-B3647-Z710 Datasheet
58Kb / 5P
SAW Components Low-loss Filter 125,0 MHz
B39131-B4865-H310 EPCOS-B39131-B4865-H310 Datasheet
92Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
B39131-B4926-H310 EPCOS-B39131-B4926-H310 Datasheet
75Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 133,2 MHz
B39131-B4957-H710 EPCOS-B39131-B4957-H710 Datasheet
137Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
B39131-B4959-H310 EPCOS-B39131-B4959-H310 Datasheet
100Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
More results


Similar Description - B3913

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4314 EPCOS-B4314 Datasheet
85Kb / 8P
Usable passband 25.0 MHz
logo
KR Electronics, Inc.
2927 KR-2927 Datasheet
52Kb / 3P
440 MHz End of Passband < 3 dB
2515-S KR-2515-S Datasheet
36Kb / 2P
50 MHz Passband
2933 KR-2933 Datasheet
61Kb / 3P
30 MHz End of Passband < 3 dB
2933-SMA KR-2933-SMA Datasheet
75Kb / 3P
30 MHz End of Passband < 3 dB
2937 KR-2937 Datasheet
72Kb / 3P
20 MHz End of Passband 3 dB
logo
Integrated Technology F...
IDD08871 ITF-IDD08871 Datasheet
147Kb / 3P
Usable bandwidth 25 MHz each Rx And Tx. band
Rev. AS01 2014-9-16
IDL00740 ITF-IDL00740 Datasheet
126Kb / 3P
Usable bandwidth 5 MHz Rx. And Tx. band
Rev. AS01 2014-8-29
IDL00741 ITF-IDL00741 Datasheet
262Kb / 3P
Usable bandwidth 5 MHz Rx. And Tx. band
Rev. AS01 2014-9-03
IDL03439 ITF-IDL03439 Datasheet
156Kb / 3P
Usable bandwidth 9 MHz Rx. And Tx. band
Rev. AS01 2014-8-29
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com