Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3913 Datasheet(PDF) 1 Page - EPCOS

Part # B3913
Description  Usable passband 56 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3913 Datasheet(HTML) 1 Page - EPCOS

  B3913 Datasheet HTML 1Page - EPCOS B3913 Datasheet HTML 2Page - EPCOS B3913 Datasheet HTML 3Page - EPCOS B3913 Datasheet HTML 4Page - EPCOS B3913 Datasheet HTML 5Page - EPCOS B3913 Datasheet HTML 6Page - EPCOS B3913 Datasheet HTML 7Page - EPCOS B3913 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© EPCOS AG 2011. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SAW Components
SAW RF filter
Automotive telematics
Series/type:
Ordering code:
B3913
B39162B3913U410
Date:
Version:
September 16, 2011
2.0


Similar Part No. - B3913

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39131-B3647-Z710 EPCOS-B39131-B3647-Z710 Datasheet
58Kb / 5P
SAW Components Low-loss Filter 125,0 MHz
B39131-B4865-H310 EPCOS-B39131-B4865-H310 Datasheet
92Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
B39131-B4926-H310 EPCOS-B39131-B4926-H310 Datasheet
75Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 133,2 MHz
B39131-B4957-H710 EPCOS-B39131-B4957-H710 Datasheet
137Kb / 7P
SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
B39131-B4959-H310 EPCOS-B39131-B4959-H310 Datasheet
100Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
More results

Similar Description - B3913

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4314 EPCOS-B4314 Datasheet
85Kb / 8P
Usable passband 25.0 MHz
logo
KR Electronics, Inc.
2927 KR-2927 Datasheet
52Kb / 3P
440 MHz End of Passband < 3 dB
2515-S KR-2515-S Datasheet
36Kb / 2P
50 MHz Passband
2933 KR-2933 Datasheet
61Kb / 3P
30 MHz End of Passband < 3 dB
2933-SMA KR-2933-SMA Datasheet
75Kb / 3P
30 MHz End of Passband < 3 dB
2937 KR-2937 Datasheet
72Kb / 3P
20 MHz End of Passband 3 dB
logo
Integrated Technology F...
IDD08871 ITF-IDD08871 Datasheet
147Kb / 3P
Usable bandwidth 25 MHz each Rx And Tx. band
Rev. AS01 2014-9-16
IDL00740 ITF-IDL00740 Datasheet
126Kb / 3P
Usable bandwidth 5 MHz Rx. And Tx. band
Rev. AS01 2014-8-29
IDL00741 ITF-IDL00741 Datasheet
262Kb / 3P
Usable bandwidth 5 MHz Rx. And Tx. band
Rev. AS01 2014-9-03
IDL03439 ITF-IDL03439 Datasheet
156Kb / 3P
Usable bandwidth 9 MHz Rx. And Tx. band
Rev. AS01 2014-8-29
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com