Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3913 Datasheet(PDF) 3 Page - EPCOS

Part # B3913
Description  Usable passband 56 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3913 Datasheet(HTML) 3 Page - EPCOS

  B3913 Datasheet HTML 1Page - EPCOS B3913 Datasheet HTML 2Page - EPCOS B3913 Datasheet HTML 3Page - EPCOS B3913 Datasheet HTML 4Page - EPCOS B3913 Datasheet HTML 5Page - EPCOS B3913 Datasheet HTML 6Page - EPCOS B3913 Datasheet HTML 7Page - EPCOS B3913 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
September 16, 2011
B3913
1588.0 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –45 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1588.0
—
MHz
Maximum insertion attenuation
α
max
1560.00 ... 1616.00 MHz
—
2.0
3.0
dB
Amplitude ripple (p-p)
∆α
1560.00 ... 1616.00 MHz
—
0.8
2.1
dB
VSWR
1560.00 ... 1616.00 MHz
—
2.1
2.5
Group delay ripple1) (p-p)
1) Averaged over 500 kHz
1560.0
... 1616.0
MHz
—
14
26
ns
1597.0
... 1616.0
MHz
—
7
15
ns
Attenuation
α
100.00 ... 1400.00 MHz
38
44
—
dB
1400.00 ... 1525.00 MHz
25
30
—
dB
1645.00 ... 1650.00 MHz
8
30
—
dB
1650.00 ... 1840.00 MHz
30
34
—
dB
1840.00 ... 2000.00 MHz
38
41
—
dB
2000.00 ... 2500.00 MHz
32
35
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com