Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD91EB5 Datasheet(PDF) 5 Page - NEC

Part # RD91EB5
Description  500 mW DHD ZENER DIODE DO-35
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD91EB5 Datasheet(HTML) 5 Page - NEC

  RD91EB5 Datasheet HTML 1Page - NEC RD91EB5 Datasheet HTML 2Page - NEC RD91EB5 Datasheet HTML 3Page - NEC RD91EB5 Datasheet HTML 4Page - NEC RD91EB5 Datasheet HTML 5Page - NEC RD91EB5 Datasheet HTML 6Page - NEC RD91EB5 Datasheet HTML 7Page - NEC RD91EB5 Datasheet HTML 8Page - NEC RD91EB5 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RD2.0E to RD200E
5
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
RD2.0E
RD2.2E
RD2.4E
RD2.7E
RD3.0E
RD3.3E
RD3.3E
RD3.6E
RD4.3E
RD4.7E
100 m
10 m
1 m
µ
100
µ
10
µ
1
100 n
10 n
1 n
0
1234
5
6
7
8
9
Vz – Zener Voltage – V
P = 500 mW
TA = 25 ˚C
TYP.
RD5.1E
RD5.6E RD6.8E
RD7.5E
RD8.2E
RD9.1E
RD6.2E
Fig. 1 ZENER CURRENT vs.
ZENER VOLTAGE
100 m
10 m
1 m
µ
100
µ
10
µ
1
100 n
10 n
1 n
0
7
8
9
10 11
12 13
14 15
Fig. 2 ZENER CURRENT vs.
ZENER VOLTAGE
TA = 25 ˚C
TYP.
Vz – Zener Voltage – V
P = 500 mW
RD10E
RD12E
RD11E
RD13E
100 m
10 m
1 m
µ
100
µ
10
µ
1
100 n
10 n
1 n
0
12131415 16
17 18
19 20
Fig. 3 ZENER CURRENT vs.
ZENER VOLTAGE
TA = 25 ˚C
TYP.
Vz – Zener Voltage – V
P = 500 mW
RD15E
RD18E
RD16E
RD20E
100 m
10 m
1 m
µ
100
µ
10
µ
1
100 n
10 n
1 n
0
16182022 24
26 28
30 32
Fig. 4 ZENER CURRENT vs.
ZENER VOLTAGE
TA = 25 ˚C
TYP.
Vz – Zener Voltage – V
P = 500 mW
RD22E
RD27E
RD24E
RD30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com